Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPT6520 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPT6520
Description  COMPLEMENTARY SILICON HIGH VOLTAGE TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPT6520 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPT6520 Datasheet HTML 1Page - Central Semiconductor Corp CMPT6520 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
350
V
Collector-Emitter Voltage
VCEO
350
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
500
mA
Base Current
IB
250
mA
Power Dissipation
PD
350
mW
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=250V
50
nA
IEBO
VEB=5.0V (CMPT6517)
50
nA
IEBO
VEB=4.0V (CMPT6520)
50
nA
BVCBO
IC=100µA
350
V
BVCEO
IC=1.0mA
350
V
BVEBO
IE=10µA (CMPT6517)
6.0
V
BVEBO
IE=10µA (CMPT6520)
5.0
V
VCE(SAT)
IC=10mA, IB=1.0mA
0.30
V
VCE(SAT)
IC=20mA, IB=2.0mA
0.35
V
VCE(SAT)
IC=30mA, IB=3.0mA
0.50
V
VCE(SAT)
IC=50mA, IB=5.0mA
1.0
V
VBE(SAT)
IC=10mA, IB=1.0mA
0.75
V
VBE(SAT)
IC=20mA, IB=2.0mA
0.85
V
VBE(SAT)
IC=30mA, IB=3.0mA
0.90
V
VBE(ON)
IC=10V, IC=100mA
2.0
V
hFE
VCE=10V, IC=1.0mA
20
hFE
VCE=10V, IC=10mA
30
CMPT6517 NPN
CMPT6520 PNP
COMPLEMENTARY SILICON
HIGH VOLTAGE TRANSISTORS
SOT-23 CASE
Central
Semiconductor Corp.
TM
R4 (26-September 2002)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPT6517,
CMPT6520 types are complementary silicon
transistors manufactured by the epitaxial planar
process, epoxy molded in a surface mount
package, designed for high voltage driver and
amplifier applications.
MARKING CODE:
CMPT6517: C1Z
CMPT6520: C2Z


Similar Part No. - CMPT6520

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPT6520 CENTRAL-CMPT6520 Datasheet
329Kb / 2P
SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
More results

Similar Description - CMPT6520

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE188 NTE-NTE188 Datasheet
22Kb / 2P
Silicon Complementary Transistors High Voltage Amplifier & Driver
NTE191 NTE-NTE191 Datasheet
23Kb / 2P
Silicon Complementary Transistors High Voltage Video Amplifier
NTE2519 NTE-NTE2519 Datasheet
22Kb / 2P
Silicon Complementary Transistors High Voltage Driver
NTE2528 NTE-NTE2528 Datasheet
22Kb / 2P
Silicon Complementary Transistors High Voltage Switch
NTE2530 NTE-NTE2530 Datasheet
23Kb / 2P
Silicon Complementary Transistors High Voltage Driver
logo
Micro Electronics
2N5400 MICRO-ELECTRONICS-2N5400 Datasheet
165Kb / 2P
COMPLEMENTARY SILICON GENERAL PURPOSE HIGH VOLTAGE TRANSISTORS
logo
Central Semiconductor C...
CXTA42 CENTRAL-CXTA42 Datasheet
289Kb / 2P
SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
CMPT6517 CENTRAL-CMPT6517_15 Datasheet
329Kb / 2P
SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
CZTA42 CENTRAL-CZTA42_15 Datasheet
533Kb / 2P
SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
2N6515 CENTRAL-2N6515 Datasheet
304Kb / 3P
COMPLEMENTARY SILICON HIGH VOLTAGE TRANSISTORS
R2 18-January 2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com