Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPT6520 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMPT6520
Description  COMPLEMENTARY SILICON HIGH VOLTAGE TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPT6520 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMPT6520 Datasheet HTML 1Page - Central Semiconductor Corp CMPT6520 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Central
Semiconductor Corp.
TM
SOT-23 CASE - MECHANICAL OUTLINE
CMPT6517 NPN
CMPT6520 PNP
COMPLEMENTARY SILICON
HIGH VOLTAGE TRANSISTORS
R4 (26-September 2002)
LEAD CODE:
1) BASE
2) EMITTER
3) COLLECTOR
MARKING CODE:
CMPT6517: C1Z
CMPT6520: C2Z
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
hFE
VCE=10V, IC=30mA
30
200
hFE
VCE=10V, IC=50mA
20
200
hFE
VCE=10V, IC=100mA
15
fT
VCE=20V, IC=10mA, f=20MHz
40
200
MHz
Ccb
VCB=20V, IC=0, f=1.0MHz
6.0
pF
Ceb
VEB=0.5V, IE=0, f=1.0MHz (CMPT6517)
80
pF
Ceb
VEB=0.5V, IE=0, f=1.0MHz (CMPT6520)
100
pF



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com