Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R3220 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # EPC-R3220
Description  Intel® Xeon® D-2700 Processor (Ice Lake-D HCC) COM-HPC® Server Size D
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R3220 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  EPC-R3220 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 2Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 3Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 4Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 5Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 6Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.advantech.com/products
Online Download
SOM-D580
Block Diagram
Ordering Information
Part No.
SoC
Core Base
Freq.
Max Turbo
Freq.
SoC TDP
LLC
DDR4 RDIMM/
LRDIMM
Ethernet
mode
PCIe Gen. 4
lanes
Power
Thermal
solution
Operating
Temp.
SOM-D580D20-U0A1 D-2796TE
20
2.0 GHz
3.1 GHz
118W
8MB
2933MT/s
100G
32
AT/ATX
Active
0 ~ 60 °C
SOM-D580D16-U0A1 D-2775TE
16
2.0 GHz
3.1 GHz
100W
8MB
2933MT/s
100G
32
AT/ATX
Active
0 ~ 60 °C
SOM-D580D12-S8A1
D-2752TER
12
1.8 GHz
2.8 GHz
77W
8MB
2667MT/s
50G
32
AT/ATX
Active
0 ~ 60 °C
SOM-D580D8-U1A1
D-2733NT
8
2.1 GHz
3.2 GHz
80W
8MB
2667MT/s
50G
32
AT/ATX
Active
0 ~ 60 °C
SOM-D580D4-S9A1
D-2712T
4
1.9 GHz
3.0 GHz
65W
8MB
2667MT/s
50G
32
AT/ATX
Active
0 ~ 60 °C
Any other SKUs or combination is project based support. Please contact sales for details.
Optional Accessories
Part No.
Description
TBD
One piece heatsink
TBD
Addon fan module to be used on top of semiheatsink/
heatsink
Development Board
Part No.
Description
TBD
Development Board SOM-DH5000
Packing List
Part No.
Description
Quantity
-
SOM-D580 CPU Module
1
Embedded OS
OS
Part No.
Description
Win10
TBD
TBD
DDR CH-0
1 PCIe x16 (2 root ports, Gen4)
PEG0, Bifurcate to x16 x8 x4 x2 x1
1 PCIe x16 (2 root ports, Gen4)
PEG1, Bifurcate to x16 x8 x4 x2 x1
4 USB 2.0
4 USB 3.2 Gen 1 (HSIO #20-23)
4 25GbE
2 SATA 3.0 (HSIO #17, 19)
2 PCIe x8 (8 root ports, Gen3)
HSIO #0-15, Bifurcate to x8 x4 x2 x1
1 PCIe x1 for BMC (HSIO #16)
1 PCIe x1 (HSIO #18)
2.5GbE
Option
SMBUS
eSPI
SPI
WDT / GPIOx12 / I2Cx2
RS1 / RS2 / FAN / IPMB
Boot_SPI
DDR4-3200 RDIMM
Non-ECC or ECC
DDR CH-1
DDR4-3200 RDIMM
Non-ECC or ECC
EFI BIOS
Intel I225
iManager
TPM2.0 SLB9670
(Optional)
DDR CH-2
DDR4-3200 RDIMM
Non-ECC or ECC
DDR CH-3
DDR4-3200 RDIMM
Non-ECC or ECC
Intel® Xeon® D-2700
processors
(Ice Lake-D HCC)
(Up to 118W)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com