Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R3220 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # EPC-R3220
Description  Intel® Xeon® D-2700 Processor (Ice Lake-D HCC) COM-HPC® Server Size D
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R3220 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  EPC-R3220 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 2Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 3Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 4Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 5Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 6Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Computer On Modules
Features
SOM-D580
Specifications
Form Factor
Form Factor
COM-HPC® Size D
Pin-out Type
COM-HPC® Server
Processor System
CPU
D-2796TE
D-2775TE
D-2752TER
D-2733NT
D-2712T
Base Frequency
2.0 GHz
2.0 GHz
1.8 GHz
2.1 GHz
1.9 GHz
Max Turbo Frequency
3.1 GHz
3.1 GHz
2.8 GHz
3.2 GHz
3.0 GHz
Core
20
16
12
8
4
LLC
30MB
25MB
20MB
15MB
15MB
TDP
118W
100W
77W
80W
65W
BIOS
AMI UEFI 256Mbit
Memory
Technology
DDR4
Frequency
2933MHz/2667MHz
ECC Support
Yes
Max. Capacity
512GB
Socket
1DPC, 4x RDIMM, LRDIMM socket
PCI Express
2 PCIe x16, 32 lanes, Gen 4 (Bifurcate to x16, x8, x4, x2, x1)
2 PCIe x8, 16 lanes, Gen 3 (Bifurcate to x8, x4, x2, x1)
Serial Bus
SMBus
Yes
I2C Bus
x2
Ethernet
Ethernet KR
Intel Integrated 8x 10G or 4x 25G (depands on SoC SKU)
Gigabit
Intel I225; 10M/100M/1000M/2.5Gbps
I/O
SATA3.0
2 Ports
USB 3.2 Gen1
4 Ports
USB2.0
4 Ports
SPI Bus
Yes
GPIO
12-bit GPIO
eSPI
Yes
Watchdog
65536 level, 0 ~ 65535 sec
COM Port
2 Ports (2-Wire)
TPM
TPM2.0 (Optional)
Smart Fan
2 Ports: 1 port on COM module (4 pins); 1 port on carrier board (3 pins)
Power
Type
ATX: Vin, VSB; AT: Vin
Supply Voltage
Vin: 12V (± 5%); VSB: 5V (± 5%), RTC Battery: 2.0V ~ 3.3V
Power Consumption (Max.)
TBD
Power Consumption (Idle)
TBD
Environment
Operating Temperature
Standard: 0 ~ 60 °C (32 ~ 140 °F)
Extend: -40 ~ 85 °C (-40 ~ 185 °F)
Storage Temperature
-40 ~ 85 °C (-40 ~ 185 °F)
Humidity
Operating: 40 °C @ 95% relative humidity, non-condensing
Storage: 60 °C @ 95% relative humidity, non-condensing
Vibration Resistance
3.5G, 5~500Hz X/Y/Z Axis
Mechanical
Dimensions
160 x 160 mm
Intel® Xeon® D-2700 Processor
(Ice Lake-D HCC)
COM-HPC® Server Size D
ƒ
COM-HPC® Server Size D Module
ƒ
Intel® Xeon® D-2700 processors (Ice Lake-D HCC)
ƒ
Up to 20 Cores, 30MB LLC Cache, 118W TDP
ƒ
Quad channel DDR4-3200 RDIMM/LRDIMM up to 512GB
(Both ECC & Non-ECC)
ƒ
32 x PCIe Gen 4, 17 x PCIe Gen 3, 4 x 25GBASE-KR, IPMB
ƒ
Supports iManager, Embedded Software APIs, and WISE-DeviceOn
Preliminary
Software APIs:
All product specifications are subject to change without notice.
Last updated: 17-Aug-2022


Similar Part No. - EPC-R3220

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
506Kb / 2P
TI Sitara??AM3352 Cortex짰-A8 ARM-Based IoT Gateway
8-Jun-2020
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
2Mb / 6P
8th Gen. Intel® Core Processor SoC Multiple I/Os Fanless Embedded System
15-Sep-2021
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
3Mb / 4P
NXP i.MX8M Plus Cortex®-A53 Edge AI RISC-based Box Computer
12-Sep-2022
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
3Mb / 4P
NXP i.MX6 Cortex-A9 RISC Embedded Mini-ITX Box Computer
7-Jul-2021
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
1Mb / 6P
Intel Atom E3900 series Embedded SBC Fanless Slim System
1-Nov-2021
More results

Similar Description - EPC-R3220

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-5993 ADVANTECH-SOM-5993 Datasheet
473Kb / 2P
Intel® Xeon® D Processor (Code Name: Ice Lake-D LCC) COM Express® Basic Type7
28-Jul-2022
SOM-C350 ADVANTECH-SOM-C350 Datasheet
460Kb / 2P
Intel® 12th Gen Core Processors (Code Name: Alder Lake S) COM-HPC® Client Size C Module
29-Jul-2022
MIC-6315 ADVANTECH-MIC-6315 Datasheet
488Kb / 2P
OpenVPX CPU Blade with Intel® Xeon® D-1500 family Processor
17-Jun-2019
logo
AAEON Technology
ARES-WHI0 AAEON-ARES-WHI0 Datasheet
950Kb / 2P
Intel® Whitely Platform Server Board, Support Intel 3rd Gen. Xeon® Scalable Ice Lake-SP CPU
2022/10/21
COM-ICDB7 AAEON-COM-ICDB7 Datasheet
427Kb / 2P
COM Express Type 7 with Intel® Xeon® D Processors
2023/05/08
logo
Lanner All Rights Reser...
NCA-4030 LANNER-NCA-4030 Datasheet
349Kb / 2P
1U 19” Rackmount Network Appliance with Intel Xeon® D-1700 Multi-core Processor (Codenamed Ice Lake D)
V1-2022.08.02
NCA-4035 LANNER-NCA-4035 Datasheet
557Kb / 2P
1U 19” Rackmount Network Appliance with Intel Xeon® D-2700 Multi-core Processor (Codenamed Ice Lake D)
V1-2023.05.08
logo
BCM Advanced Research.
EQM-APL BCM-EQM-APL Datasheet
639Kb / 1P
Intel® Pentium®/Celeron® Apollo Lake SoC processor Qseven Module
05/12/2022
logo
AAEON Technology
FWS-7541 AAEON-FWS-7541 Datasheet
408Kb / 2P
1U Rackmount Network Appliance with Intel® Xeon® LCC Processor (formerly ICE-Lake-D)
2023/03/02
ZEUS-WHI0 AAEON-ZEUS-WHI0 Datasheet
714Kb / 2P
4U Rackmount Whitely Platform Server System, Supports a 3rd Generation Intel® Xeon® Scalable Ice Lake-SP CPU
2023/01/19
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com