Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

36WSWPDOBD0211 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # 36WSWPDOBD0211
Description  Starter kit for SMARC SOM-2569
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

36WSWPDOBD0211 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  36WSWPDOBD0211 Datasheet HTML 1Page - Advantech Co., Ltd. 36WSWPDOBD0211 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
SOM-DK2569 Evaluation Kit
Accessory List
Part No.
Description
Quantity
1750008717-01
Dual band 2.4G/5GHz Dipole Antenna
for WIFI/BT
Operating Temperature: -40 ~ 65 °C
Storage Temperature: -40 ~80 °C
2
1750008653-01
200mm Cable with SMA/F-R-BH
MHF4/113 connector
2 (assembly with board)
1700008941
SATA Cable 7p, 32cm w/lock
1
1701200220
COM cable support 2 port, 22cm
1
96CB-E0405PIB3
LED CABLE 4-5PIN 50CM IB3 TYPE(G)
1
96CB-L2040PAB5
LVDS CABLE 20-40PIN 50CM AB5
TYPE(G)
1
96LEDK-A084SV45NB2
8.4" LED PANEL, single channel, 6/8 bit,
800 x 600
Operating Temperature: -40 ~ 85 °C
Storage Temperature: -40 ~85 °C
1
96PSA-A84W12V1
Adapter 100-240V 84W 12V 7A, C14 DC
PLUG 180°;
Operating Temperature: 0 ~ 40 °C
Storage Temperature: -30 ~60 °C
1
USB#4
PCIe#B (option)
I2S (option)
SDIO
HDMI
DP
LVDS / eDP
GbE 0
GbE 1
1 USB3.0
1 USB2.0
Audio Jack
HDA
MUX
MUX
DP++
SATA
HDMI
USB#3
HDA / I2S
USB#1
USB 2.0 Type AB
(OTG)
USB#0
Pin Header
Micro SD Card
GPIO / I2C
PCIe x4
PCIe#A, B, C, D (B, C, D optional)
PCIe x1
PCIe#D (option)
USB#5
PCIe#C (option)
MUX
CAN Bus
Transceiver
Serial Port 0/1
Transceiver
Serial Port 2/3
2 MIPI
SPI Socket
Transceiver
USB Type C
(w/o charger)
HDD PWR
(For DC-IN)
DC-IN Jack (Default)
ATX 24 Pin Power (Option)
SOM-2569 SMARC
mini PCIe
M.2 (Key E)
Option
SW Inside
Item
Part No.
Description
Win10
20706WX9ES0053
Win10 IoT 2019 enterprise LTSC entry
McAfee, Acronis
36WSWPDOBD0211
McAfee, Acronis bundle license
DeviceOn
36WSWPDOBUND11
WISE-PaaS/DeviceOn client bundle license
for one device
Packing list
Part No.
Description
Quantity
SOM-2569CNCCA-S7A1
SMARC E3950 8G LPD4 64G EMMC Wi-Fi
1
SOM-DB2500-00A1
SMARC R2.0 Devel. Board Rev. A1
1
1960093125T001
SOM-2569 E3900 SKU heat spreader
1
1960093089T001
Semi-Heatsink, 82L x 34W x 18H (mm)
1
Ordering Information
Part No.
Description
SOM-DK2569-00A1
SMARC development kit, w/ SOM-2569 module



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com