Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

36WSWPDOBD0211 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # 36WSWPDOBD0211
Description  Starter kit for SMARC SOM-2569
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

36WSWPDOBD0211 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  36WSWPDOBD0211 Datasheet HTML 1Page - Advantech Co., Ltd. 36WSWPDOBD0211 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Computer On Modules
Features
Starter kit for SMARC SOM-2569
SOM-DK2569
Evaluation Kit
ƒ SMARC SOM-2569 with Intel® Atom E3950 plus SOM-DB2500
ƒ Dual channel LPDDR4 8 GB memory plus onboard 64 GB eMMC
ƒ Wireless module on board plus integrated dual GbE
ƒ Supports PCIe x1, USB 3.0, USB 2.0, SATA 3.0
ƒ Incudes Win10 and WISE-PaaS/DeviceOn
ƒ Supports iManager APIs
Specifications
Platform
Module
SOM-2569, SMARC2.0 & SMARC2.1 compliance
Processor
Intel Atom E3950, 4 Cores, 12W
Memory
LPDDR4 8GB
PCI Express
PCIe x1 Gen2 (In PCIe x4 slot)
Ethernet
Controller
Intel I210
Speed
10/100/1000 Mbps
Connector (RJ45)
2 x Ports
Serial Bus
SMBus
Yes
I2C Bus
Yes
I/O
SATA 3.0
1 x Port (6 Gbps)
USB3.0
1 x USB3.0 (Type A; down)
1 x USB3.0 (Type C)
USB2.0
1 x Ports (Type A; top)
1 x Ports (Type AB; Client mode by specific OS)
GPIO
12 x GPIOs
Watchdog
65536 level, 0~65535 sec
COM Port
4 x Ports (2 Ports with Tx/Rx and 2 Ports with DTS/RTS from two connectors)
Onboard Storage
64GB eMMC
TPM
TPM2.0 (Infineon SLB9665)
SPI Bus
1 x Socket
SDIO
1 x Socket Micro SD card by default ; M.2 connector by option
Wifi / BT Module
1 Wi-Fi / BT Module on SOM-2569 moduel
Graphics
Controller
Intel® HD Graphics 505
Max. Frequency
650MHz
Graphic Memory
Intel DVMT5.0
Display
LCD (LVDS/eDP)
LVDS: Dual-channel 18/24-bit, up to 1920 x 1080
DP++
1 x Port (DP 1.2 ;Up to 4096×2160 @ 60 Hz)
HDMI
1 x Port (HDMI 1.4b ; Up to 3840x2160 @ 30 Hz)
USB Type-C
1 x Port (USB 3.0)
Multiple Display
Triple displays with each display combinations
Power
Type
DCIN
Supply Voltage
12V
Power Consumption (Max.)
14.11 W
Power Consumption (Idle)
3.45 W
Environment
Operating Temperature
0 ~ 60 °C (32 ~ 140 °F)
Storage Temperature
-40 ~ 85 °C (-40 ~ 185 °F)
Humidity
Operating: 40 °C @ 95% relative humidity, non-condensing
Storage: 60 °C @ 95%relative humidity, non-condensing
Mechanical
Dimensions
304.8 x 190.5 mm for carrier board SOM-DB2500
82 x 50 mm for SOM-2569 module
NEW
All product specifications are subject to change without notice.
Last updated: 13-May-2020


Similar Part No. - 36WSWPDOBD0211

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
36WSWPDOBD0211 ADVANTECH-36WSWPDOBD0211 Datasheet
1Mb / 3P
Intel® 10th Gen Xeon® W / Core™ i LGA1200 Expansion Fanless Box PC
15-Nov-2021
36WSWPDOBD0211 ADVANTECH-36WSWPDOBD0211 Datasheet
1Mb / 3P
Intel® 10th Gen Xeon® W / Core™ i LGA1200 Expansion Fanless Box PC
15-Nov-2021
36WSWPDOBD0211 ADVANTECH-36WSWPDOBD0211 Datasheet
1Mb / 3P
Intel® 10th Gen Xeon® W / Core™ i LGA1200 Expansion Fanless Box PC
15-Nov-2021
36WSWPDOBD0211 ADVANTECH-36WSWPDOBD0211 Datasheet
1Mb / 3P
Intel® 12th Gen Core™ i3/i5/i7/i9 LGA1700 Expansion Fanless Box PC
22-Jun-2022
36WSWPDOBD0211 ADVANTECH-36WSWPDOBD0211 Datasheet
1Mb / 3P
Intel® 12th Gen Core™ i3/i5/i7/i9 LGA1700 Expansion Fanless Box PC
22-Jun-2022
More results

Similar Description - 36WSWPDOBD0211

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSTK94 ATMEL-ATSTK94 Datasheet
633Kb / 24P
Starter Kit
logo
Texas Instruments
MSP-EXP430G2 TI-MSP-EXP430G2 Datasheet
493Kb / 86P
Starter Kit Evaluation Kit Manual
logo
STMicroelectronics
AN1953 STMICROELECTRONICS-AN1953 Datasheet
222Kb / 20P
PFC for ST7MC starter kit
16-Jul-2007
logo
Advantech Co., Ltd.
ROM-DK5420 ADVANTECH-ROM-DK5420_14 Datasheet
627Kb / 2P
Development kit for SMARC CPU Module ROM-5420
logo
Axiomtek Co., Ltd.
SCM120 AXIOMTEK-SCM120_17 Datasheet
264Kb / 1P
SMARC v1.0 SoM with Quad/DualLite 800 MHz (Industrial) SoC, 1GB Memory
SCM120-120-EVK AXIOMTEK-SCM120-120-EVK_17 Datasheet
193Kb / 1P
SMARC v1.0 SoM Evaluation Kit with Quad/DualLite 800 MHz (Industrial)
logo
Pepperl+Fuchs Inc.
KT-SRT-PA PF-KT-SRT-PA Datasheet
1,003Kb / 3P
Starter Kit for PROFIBUS PA Infrastructure
2021-01-12
logo
EnOcean GmbH.
EISKA ENOCEAN-EISKA Datasheet
129Kb / 1P
Starter Kit
February 2022
logo
Advantech Co., Ltd.
ROM-DK5420 ADVANTECH-ROM-DK5420 Datasheet
536Kb / 2P
Development Kit for SMARC V1.1 CPU Module ROM-5420
6-Jun-2019
SOM-DK3569 ADVANTECH-SOM-DK3569 Datasheet
481Kb / 2P
Starter kit of Qseven R2.1, with SOM-3569
6-Jun-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com