Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP72250 Datasheet(PDF) 21 Page - Diodes Incorporated

Part # AP72250
Description  0.6V TO 5.5V INPUT SYNCHRONOUS BOOST CONVERTER WITH 4.7A SWITCHES
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP72250 Datasheet(HTML) 21 Page - Diodes Incorporated

Back Button AP72250 Datasheet HTML 17Page - Diodes Incorporated AP72250 Datasheet HTML 18Page - Diodes Incorporated AP72250 Datasheet HTML 19Page - Diodes Incorporated AP72250 Datasheet HTML 20Page - Diodes Incorporated AP72250 Datasheet HTML 21Page - Diodes Incorporated AP72250 Datasheet HTML 22Page - Diodes Incorporated AP72250 Datasheet HTML 23Page - Diodes Incorporated AP72250 Datasheet HTML 24Page - Diodes Incorporated AP72250 Datasheet HTML 25Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
AP72250
Document number: DS44135 Rev. 1 - 2
21 of 26
www.diodes.com
January 2022
© Diodes Incorporated
AP72250
Application Information (continued)
11
Setting the Output Voltage
The AP72250 has adjustable output voltages starting from 0.8V using an external resistive divider. The resistor values of the feedback network are
selected based on a design trade-off between efficiency and output voltage accuracy. There is less current consumption in the feedback network
for high resistor values, which improves efficiency at light loads. However, values too high cause the device to be more susceptible to noise affecting
its output voltage accuracy. R2 can be determined by the following equation:
������������ =
������. ������ ∙ ������������
������������������������ − ������. ������������
Eq. 3
Table 1 shows a list of recommended component selections for common AP72250 output voltages referencing Figure 1.
Table 1. Recommended Component Selections
AP72250
Output Voltage (V)
R1 (kΩ)
R2
(kΩ)
L (µH)
C1 (µF)
C2 (µF)
1.8
100.0
80.6
0.47
10
2 x 22
2.5
100.0
32.4
0.68
10
2 x 22
3.3
100.0
31.6
1.00
10
2 x 22
5.0
100.0
19.1
1.00
10
2 x 22
5.2
100.0
18.2
1.00
10
2 x 22
12
Inductor
Calculating the inductor value is a critical factor in designing a boost converter. For most designs, the following equation can be used to calculate
the inductor value:
������ =
������������������ ∙ (������������������������ − ������������������)
������������������������ ∙ ∆������������ ∙ ������������������
Eq. 4
Where:
∆IL is the inductor current ripple
fSW is the boost converter switching frequency
For AP72250
, choose ∆IL to be 30% to 50% of the peak inductor current of 4.5A.
The inductor peak current is calculated by:
������������
������������������������ = ������������������������������ ∙ (
������������������������
������������������
) +
∆������������
������
Eq. 5
Peak current determines the required saturation current rating, which influences the size of the inductor. Saturating the inductor decreases the
converter efficiency while increasing the temperatures of the inductor and the internal power MOSFETs. Therefore, choosing an inductor with the
appropriate saturation current rating is important. For most applications, it is recommended to select an inductor of approximately 1.0µH with a DC
current rating of at least 35% higher than the maximum peak current. For hi
ghest efficiency, the inductor’s DC resistance should be less than 50mΩ.
Use a larger inductance for improved efficiency under light load conditions
but beware of the “right-half-plane zero” frequency, F
RHPZ, which is:
������������������������������ =
������������������������
������ ∙ ������ ∙ ������������������������ ∙ ������������������������ ∙ ������
Eq. 6
The right-half-plane zero frequency can cause loop stability so it is ideal to have it be as high as possible. Therefore, for applications using a low
VIN and a high VOUT, the recommendation is to decrease the inductance, the output current, or both, to avoid any possible stability issues caused
by FRHPZ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com