Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

04051-002KBA/HB Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 04051-002KBA/HB
Description  vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, DLA Approved
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

04051-002KBA/HB Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button 04051-002KBA/HB Datasheet HTML 2Page - Vishay Siliconix 04051-002KBA/HB Datasheet HTML 3Page - Vishay Siliconix 04051-002KBA/HB Datasheet HTML 4Page - Vishay Siliconix 04051-002KBA/HB Datasheet HTML 5Page - Vishay Siliconix 04051-002KBA/HB Datasheet HTML 6Page - Vishay Siliconix 04051-002KBA/HB Datasheet HTML 7Page - Vishay Siliconix 04051-002KBA/HB Datasheet HTML 8Page - Vishay Siliconix 04051-002KBA/HB Datasheet HTML 9Page - Vishay Siliconix 04051-002KBA/HB Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
DLA 04051
www.vishay.com
Vishay
Revision: 16-Dec-2022
6
Document Number: 40281
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PERFORMANCE CHARACTERISTICS
ITEM
CONDITION
POST TEST PERFORMANCE
Life test
at +125 °C
2000 h application of
2/3 rated voltage at +125 °C,
DLA 04051
Capacitance change
Within -20 % / +10 % of initial value
Dissipation factor
Within initial limit
DC leakage
Shall not exceed 125 % of initial limit
Stability at
low and high
temperatures
DLA 04051
Step 1
(+25 °C)
Capacitance change
Within ± 20 % of initial limit
Dissipation factor
Within initial limit
DC leakage
Within initial limit
Equivalent series resistance
Within initial limit
Step 2
(-55 °C)
Capacitance change
Within ± 10 % from step 1 measured value
Dissipation factor
Within initial limit
Step 3
(+25 °C)
Capacitance change
Within ± 5 % from step 1 measured value
Dissipation factor
Within initial limit
DC leakage
Within initial limit
Step 4
(+85 °C)
Capacitance change
Within ± 30 % from step 1 measured value
Dissipation factor
Shall not exceed 120 % of initial limit
DC leakage
Shall not exceed 1000 % of initial value
Step 5
(+125 °C)
Capacitance change
Within ± 40 % from step 1 measured value
Dissipation factor
Shall not exceed 150 % of initial limit
DC leakage
Shall not exceed 1000 % of initial limit
Step 6
(+25 °C)
Capacitance change
Within ± 5 % from step 1 measured value
Dissipation factor
Within initial limit
DC leakage
Within initial limit
Equivalent series resistance
Within initial limit
Surge voltage
+85 °C, 1000 successive
test cycles at 1.32 of rated
voltage
DLA 04051
Capacitance change
Within -20 % to +5 % of initial value
Dissipation factor
Within initial limit
DC leakage
Within initial limit
Equivalent series resistance
Within initial limit
Resistance
to soldering
heat
DLA 04051
Capacitance change
Within ± 10 % of initial value
Dissipation factor
Within initial limit
DC leakage
Within initial limit
Vibration,
high frequency
DLA 04051
Capacitors shall be visually examined for evidence of mechanical damage.
PRODUCT INFORMATION
Polymer Guide
www.vishay.com/doc?40076
Moisture Sensitivity
www.vishay.com/doc?40135
Infographic
www.vishay.com/doc?48084
Sample Board
www.vishay.com/doc?48073
FAQ
Frequently Asked Questions
www.vishay.com/doc?42106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com