Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

04051-002KBA/HB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 04051-002KBA/HB
Description  vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, DLA Approved
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

04051-002KBA/HB Datasheet(HTML) 1 Page - Vishay Siliconix

  04051-002KBA/HB Datasheet HTML 1Page - Vishay Siliconix 04051-002KBA/HB Datasheet HTML 2Page - Vishay Siliconix 04051-002KBA/HB Datasheet HTML 3Page - Vishay Siliconix 04051-002KBA/HB Datasheet HTML 4Page - Vishay Siliconix 04051-002KBA/HB Datasheet HTML 5Page - Vishay Siliconix 04051-002KBA/HB Datasheet HTML 6Page - Vishay Siliconix 04051-002KBA/HB Datasheet HTML 7Page - Vishay Siliconix 04051-002KBA/HB Datasheet HTML 8Page - Vishay Siliconix 04051-002KBA/HB Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
DLA 04051
www.vishay.com
Vishay
Revision: 16-Dec-2022
1
Document Number: 40281
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
vPolyTanTM Polymer Surface-Mount Chip Capacitors,
Molded Case, DLA Approved
LINKS TO ADDITIONAL RESOURCES
PERFORMANCE CHARACTERISTICS
Operating Temperature: -55 °C to +125 °C
(above +105 °C, voltage derating is required)
Capacitance range: 4.7 μF to 680 μF
Capacitance Tolerance: ± 10 %, ± 20 %
Voltage Rating: 2.5 VDC to 63 VDC
FEATURES
• Ultra low ESR
• Tin / lead (SnPb) termination
• High reliability processing including:
- 100 % surge current tested
-Thermal shock
• High ripple current capability
• Stable capacitance over operating temperature, voltage,
and frequency range
• No wear out effect
• Moisture sensitivity level 3
333
DDD3 D
3D Models
Models
Calculators
ORDERING INFORMATION
04051
-002
K
A
A
/HR
DRAWING
DASH
CAPACITANCE
ADDITIONAL TESTING OPTION
SURGE CURRENT OPTION
PACKAGING
NUMBER
NUMBER
TOLERANCE
K = ± 10 %
M = ± 20 %
A = life (at +125 °C, 2000 h)
B = vibration; surge voltage;
resistance to soldering heat
life (at +125 °C, 2000 h)
Z = no additional testing
Blank = 4 cycles at +25 °C
(before voltage aging)
A = 10 cycles at +25 °C
(after voltage aging)
B = 10 cycles at -55 °C / +85 °C
(after voltage aging)
Blank = full 7" reel
/HR = half 7" reel
DLA LAND AND MARITIME
COLUMBUS, OHIO
Drawing no.
04051


Similar Part No. - 04051-002KBA/HB

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
04051 KEMET-04051 Datasheet
1Mb / 24P
COTS Polymer Electrolytic for High Reliability Applications
More results

Similar Description - 04051-002KBA/HB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T55B156M6R3C0500 VISHAY-T55B156M6R3C0500 Datasheet
627Kb / 22P
vPolyTanTM Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Performance Polymer Type
16-Nov-15
T55 VISHAY-T55 Datasheet
585Kb / 22P
vPolyTanTM Polymer Surface Mount Chip Capacitors,
02-Nov-16
DLA95158 VISHAY-DLA95158 Datasheet
532Kb / 14P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, DLA Approved, Low ESR
12-May-16
T55 VISHAY-T55_17 Datasheet
595Kb / 23P
vPolyTanTM Polymer Surface Mount Chip Capacitors, Molded Case, High Performance Type
25-Oct-17
T50 VISHAY-T50 Datasheet
612Kb / 15P
vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, High Performance Type
07-Sep-2020
DLA20021 VISHAY-DLA20021_V01 Datasheet
635Kb / 17P
vPolyTanTM Polymer Surface-Mount Chip Capacitors, Low ESR, Leadframeless Molded Type, DLA Approved
29-Jan-2021
T50 VISHAY-T50_V01 Datasheet
647Kb / 17P
vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, High Performance Type
10-Dec-2021
T51 VISHAY-T51 Datasheet
648Kb / 17P
vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, High Performance, Vishay Automotive Grade
07-Nov-2022
T55 VISHAY-T55_V01 Datasheet
706Kb / 27P
vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, High Performance Type
29-Sep-2022
T56 VISHAY-T56_V01 Datasheet
658Kb / 19P
vPolyTanTM Polymer Surface Mount Chip Capacitors, Molded Case, Hi-Rel COTS
28-Nov-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com