Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T56D107M004CSS025 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # T56D107M004CSS025
Description  vPolyTanTM Polymer Surface Mount Chip Capacitors, Molded Case, Hi-Rel COTS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T56D107M004CSS025 Datasheet(HTML) 2 Page - Vishay Siliconix

  T56D107M004CSS025 Datasheet HTML 1Page - Vishay Siliconix T56D107M004CSS025 Datasheet HTML 2Page - Vishay Siliconix T56D107M004CSS025 Datasheet HTML 3Page - Vishay Siliconix T56D107M004CSS025 Datasheet HTML 4Page - Vishay Siliconix T56D107M004CSS025 Datasheet HTML 5Page - Vishay Siliconix T56D107M004CSS025 Datasheet HTML 6Page - Vishay Siliconix T56D107M004CSS025 Datasheet HTML 7Page - Vishay Siliconix T56D107M004CSS025 Datasheet HTML 8Page - Vishay Siliconix T56D107M004CSS025 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
T56
www.vishay.com
Vishay Polytech
Revision: 28-Nov-2022
2
Document Number: 40219
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches [millimeters]
CASE CODE
EIA SIZE
L
W
H
l
a
B
3528-21
0.138 ± 0.008
[3.5 ± 0.2]
0.110 ± 0.008
[2.8 ± 0.2]
0.075 ± 0.008
[1.9 ± 0.2]
0.030 ± 0.012
[0.8 ± 0.3]
0.087 ± 0.008
[2.2 ± 0.2]
V
7343-20
0.287 ± 0.008
[7.3 ± 0.2]
0.169 ± 0.012
[4.3 ± 0.3]
0.075 ± 0.004
[1.9 ± 0.1]
0.051 ± 0.012
[1.3 ± 0.3]
0.094 ± 0.008
[2.4 ± 0.2]
D
7343-31
0.287 ± 0.008
[7.3 ± 0.2]
0.169 ± 0.012
[4.3 ± 0.3]
0.110 ± 0.012
[2.8 ± 0.3]
0.051 ± 0.012
[1.3 ± 0.3]
0.094 ± 0.008
[2.4 ± 0.2]
RATINGS AND CASE CODES
μF
2.5 V
4.0 V
6.3 V
10 V
16 V
20 V
25 V
35 V
50 V
10
D / B
D
15
B / V
B / V
V
22
B
V
V
D
33
B
B
D / V
V
D / V
47
BBBB
D / V
68
B
B
V
V
100
V
D / V
D / V
D
150
V
D / V
D / V
220
V
D / V
D / V
D / V
330
V
D / V
D / V
D
470
V
MARKING
VOLTAGE CODE
CAPACITANCE CODE
V
CODE
CAP, μF
CODE
2.5
e
10
A7
4G
15
E7
6.3
J
22
J7
10
A
33
N7
16
C
47
S7
20
D
68
W7
25
E
100
A8
35
V
150
E8
50
H
220
J8
330
N8
470
S8
Anode indication belt mark
B case
a
L
H
W
ll
a
a
L
H
W
ll
D, V case
+
Date code
NA
JS7
Anode indication belt mark
Simplified code of
rated voltage (J: 6.3 V)
Simplified code of
nominal capacitance (S7: 47 μF)
Type of series
(N: T56)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com