Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T56D107M004CSS025 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # T56D107M004CSS025
Description  vPolyTanTM Polymer Surface Mount Chip Capacitors, Molded Case, Hi-Rel COTS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T56D107M004CSS025 Datasheet(HTML) 3 Page - Vishay Siliconix

  T56D107M004CSS025 Datasheet HTML 1Page - Vishay Siliconix T56D107M004CSS025 Datasheet HTML 2Page - Vishay Siliconix T56D107M004CSS025 Datasheet HTML 3Page - Vishay Siliconix T56D107M004CSS025 Datasheet HTML 4Page - Vishay Siliconix T56D107M004CSS025 Datasheet HTML 5Page - Vishay Siliconix T56D107M004CSS025 Datasheet HTML 6Page - Vishay Siliconix T56D107M004CSS025 Datasheet HTML 7Page - Vishay Siliconix T56D107M004CSS025 Datasheet HTML 8Page - Vishay Siliconix T56D107M004CSS025 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
T56
www.vishay.com
Vishay Polytech
Revision: 28-Nov-2022
3
Document Number: 40219
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Marking code repeats every four years in alphabetical order (letter of I, i, O, and o are excluded)
DATE CODE
YEAR
MONTH
123456789
10
11
12
2017
A
B
C
D
E
F
G
H
J
K
L
M
2018
N
P
Q
R
S
T
U
V
W
X
Y
Z
2019
a
b
c
d
e
f
g
h
j
k
l
m
2020
n
p
q
r
s
t
u
v
w
x
y
z
2021
A
B
C
D
E
F
G
H
J
K
L
M
2022
N
P
Q
R
S
T
U
V
W
X
Y
Z
2023
a
b
c
d
e
f
g
h
j
k
l
m
2024
n
p
q
r
s
t
u
v
w
x
y
z
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. DCL
AT 25 °C
(μA)
MAX. DF
AT 25 °C
120 Hz
(%)
MAX. ESR
AT + 25 °C
100 kHz
(m
Ω)
MAX. RIPPLE
AT 45 °C
100 kHz IRMS
(A)
MAX.
OPERATING
TEMPERATURE
(°C)
85 °C / 85 %,
R. V., 500 h
CAPABLE
2.5 VDC AT +105 °C; 1.7 VDC AT +125 °C
47
B
T56B476M2R5C(1)(2)070
11.7
8
70
1.36
105
68
B
T56B686M2R5C(1)(2)070
17.0
8
70
1.36
105
220
V
T56V227M2R5C(1)(2)025
55.0
10
25
2.73
105
330
V
T56V337M2R5C(1)(2)025
82.5
10
25
2.73
105
470
V
T56V477M2R5C(1)(2)025
117.5
10
25
2.73
105
4 VDC AT +105 °C; 2.7 VDC AT +125 °C
47
B
T56B476M004C(1)(2)070
18.8
8
70
1.36
105
68
B
T56B686M004C(1)(2)070
27.2
8
70
1.36
105
150
V
T56V157M004C(1)(2)025
60.0
10
25
2.73
105
220
D
T56D227M004C(1)(2)025
88.0
10
25
3.00
125
•
220
V
T56V227M004C(1)(2)025
88.0
10
25
2.73
105
330
D
T56D337M004C(1)(2)025
132.0
10
25
3.00
125
•
330
V
T56V337M004C(1)(2)025
132.0
10
25
2.73
105
6.3 VDC AT +105 °C; 4.2 VDC AT +125 °C
33
B
T56B336M6R3C(1)(2)070
20.7
8
70
1.36
105
47
B
T56B476M6R3C(1)(2)070
29.6
8
70
1.36
105
100
V
T56V107M6R3C(1)(2)045
63.0
10
45
2.03
105
150
D
T56D157M6R3C(1)(2)025
94.5
10
25
3.00
125
•
150
V
T56V157M6R3C(1)(2)025
94.5
10
25
2.73
105
220
D
T56D227M6R3C(1)(2)025
138.6
10
25
3.00
125
•
220
V
T56V227M6R3C(1)(2)025
138.6
10
25
2.73
105
330
D
T56D337M6R3C(1)(2)025
207.9
10
25
3.00
125
•
330
V
T56V337M6R3C(1)(2)025
207.9
10
25
2.73
105
Note
• Part number definitions:
(1) Reliability level: Z, S
(2) Surge current: A, B, S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com