Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T56D107M010CSS025 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # T56D107M010CSS025
Description  vPolyTanTM Polymer Surface Mount Chip Capacitors, Molded Case, Hi-Rel COTS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T56D107M010CSS025 Datasheet(HTML) 5 Page - Vishay Siliconix

  T56D107M010CSS025 Datasheet HTML 1Page - Vishay Siliconix T56D107M010CSS025 Datasheet HTML 2Page - Vishay Siliconix T56D107M010CSS025 Datasheet HTML 3Page - Vishay Siliconix T56D107M010CSS025 Datasheet HTML 4Page - Vishay Siliconix T56D107M010CSS025 Datasheet HTML 5Page - Vishay Siliconix T56D107M010CSS025 Datasheet HTML 6Page - Vishay Siliconix T56D107M010CSS025 Datasheet HTML 7Page - Vishay Siliconix T56D107M010CSS025 Datasheet HTML 8Page - Vishay Siliconix T56D107M010CSS025 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
T56
www.vishay.com
Vishay Polytech
Revision: 28-Nov-2022
5
Document Number: 40219
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RECOMMENDED VOLTAGE DERATING GUIDELINES
CAPACITOR
VOLTAGE RATING
AT -55 °C TO +105 °C
CAPACITOR
CATEGORY VOLTAGE
AT +105 °C TO +125 °C
RECOMMENDED
VOLTAGE DERATING
AT -55 °C TO +105 °C
RECOMMENDED
VOLTAGE DERATING
AT +105 °C TO +125 °C
2.5
1.7
2.3
1.5
4
2.7
3.6
2.4
6.3
4.2
5.7
3.8
10
6.7
9
6.0
16
10.7
12.8
8.6
20
13.4
16
10.8
25
16.8
20
13.5
35
23.5
28
18.9
50
33.5
40
27.0
RECOMMENDED TEMPERATURE DERATING
POWER DISSIPATION
CASE CODE
MAXIMUM PERMISSIBLE POWER DISSIPATION (W) AT
≤ +45 °C IN FREE AIR
D
0.225
STANDARD PACKAGING QUANTITY
CASE CODE
UNITS PER 7" REEL
D
500
10
1000
10000
50
55
60
65
70
75
80
85
90
95
100
-55
25
45
85
105
125
Temperature (°C)
100
67 %
54 %
60 %
Recommended maximum
application voltage V
R > 10 V
Rated voltage
Recommended maximum
application voltage V
R ≤ 10 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com