Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T56D107M010CSS025 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # T56D107M010CSS025
Description  vPolyTanTM Polymer Surface Mount Chip Capacitors, Molded Case, Hi-Rel COTS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T56D107M010CSS025 Datasheet(HTML) 1 Page - Vishay Siliconix

  T56D107M010CSS025 Datasheet HTML 1Page - Vishay Siliconix T56D107M010CSS025 Datasheet HTML 2Page - Vishay Siliconix T56D107M010CSS025 Datasheet HTML 3Page - Vishay Siliconix T56D107M010CSS025 Datasheet HTML 4Page - Vishay Siliconix T56D107M010CSS025 Datasheet HTML 5Page - Vishay Siliconix T56D107M010CSS025 Datasheet HTML 6Page - Vishay Siliconix T56D107M010CSS025 Datasheet HTML 7Page - Vishay Siliconix T56D107M010CSS025 Datasheet HTML 8Page - Vishay Siliconix T56D107M010CSS025 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
T56
www.vishay.com
Vishay Polytech
Revision: 28-Nov-2022
1
Document Number: 40219
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
vPolyTanTM Polymer Surface Mount Chip Capacitors,
Molded Case, Hi-Rel COTS
LINKS TO ADDITIONAL RESOURCES
PERFORMANCE / ELECTRICAL
CHARACTERISTICS
Operating Temperature: -55 °C to +105 °C / 125 °C
Capacitance Range: 10 μF to 470 μF
Capacitance Tolerance: ± 20 %
Voltage Rating: 2.5 VDC to 50 VDC
FEATURES
• Ultra low ESR
• High reliability processing including:
- 100 % surge current tested
- Accelerated voltage conditioning
-Thermal shock
- Statistical leakage screening at elevated
temperature and voltage
• High ripple current capability
• Stable capacitance over operating temperature, voltage,
and frequency range
• No wear out effect
• Terminations: Ni / Pd / Au
• Compatible with “high volume” automatic pick and place
equipment
• Moisture sensitivity level 3
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Decoupling, smoothing, filtering
• Switch mode and point of load power supply
• Infrastructure equipment
• Storage and networking
333
DDD3 D
3D Models
ORDERING INFORMATION
T56
D
107
M
010
C
S
A
025
TYPE
CASE
CAPACITANCE
CAPACITANCE
DC VOLTAGE
TERMINATION /
RELIABILITY
SURGE
ESR
CODE
TOLERANCE
RATING
PACKAGING
LEVEL
CURRENT
LEVEL
See
Ratings
and
Case
Codes
table.
This is
expressed
in picofarads.
The first two
digits are the
significant
figures. The
third is the
number of
zeros to
follow.
M = ± 20 %
2R5 = 2.5 V
004 = 4 V
6R3 = 6.3 V
010 = 10 V
12R = 12.5 V
016 = 16 V
020 = 20 V
025 = 25 V
035 = 35 V
050 = 50 V
C = lead (Pb)-free
solderable coating,
7" reel
S = hi-rel
standard
(40 h burn-in)
Z = non-ER
A =
10 cycles
at +25 °C
B =
10 cycles
at -55 °C /
+85 °C
S =
3 cycles
at +25 °C
Maximum
100 kHz
ESR
in m
Ω


Similar Part No. - T56D107M010CSS025

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T56D107M010CSS025 VISHAY-T56D107M010CSS025 Datasheet
624Kb / 17P
vPolyTanTM Polymer Surface Mount Chip Capacitors,
15-Oct-2020
More results

Similar Description - T56D107M010CSS025

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T55B156M6R3C0500 VISHAY-T55B156M6R3C0500 Datasheet
627Kb / 22P
vPolyTanTM Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Performance Polymer Type
16-Nov-15
T55 VISHAY-T55 Datasheet
585Kb / 22P
vPolyTanTM Polymer Surface Mount Chip Capacitors,
02-Nov-16
T54 VISHAY-T54 Datasheet
558Kb / 15P
vPolyTanTM Polymer Surface Mount Chip Capacitors, Low ESR, Leadframeless Molded Type, Hi-Rel Commercial Off-The-Shelf (COTS)
05-Oct-17
T55 VISHAY-T55_17 Datasheet
595Kb / 23P
vPolyTanTM Polymer Surface Mount Chip Capacitors, Molded Case, High Performance Type
25-Oct-17
T50 VISHAY-T50 Datasheet
612Kb / 15P
vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, High Performance Type
07-Sep-2020
DLA04051 VISHAY-DLA04051 Datasheet
1Mb / 19P
vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, DLA Approved
16-Dec-2022
T50 VISHAY-T50_V01 Datasheet
647Kb / 17P
vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, High Performance Type
10-Dec-2021
T51 VISHAY-T51 Datasheet
648Kb / 17P
vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, High Performance, Vishay Automotive Grade
07-Nov-2022
T54 VISHAY-T54_V01 Datasheet
723Kb / 24P
vPolyTanTM Polymer Surface-Mount Chip Capacitors, Low ESR, Leadframeless Molded Type, Hi-Rel Commercial Off-The-Shelf (COTS)
16-Dec-2022
T55 VISHAY-T55_V01 Datasheet
706Kb / 27P
vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, High Performance Type
29-Sep-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com