Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT10 Datasheet(PDF) 4 Page - CUI Devices

Part # AMT10
Description  MODULAR INCREMENTAL ENCODER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

AMT10 Datasheet(HTML) 4 Page - CUI Devices

  AMT10 Datasheet HTML 1Page - CUI Devices AMT10 Datasheet HTML 2Page - CUI Devices AMT10 Datasheet HTML 3Page - CUI Devices AMT10 Datasheet HTML 4Page - CUI Devices AMT10 Datasheet HTML 5Page - CUI Devices AMT10 Datasheet HTML 6Page - CUI Devices AMT10 Datasheet HTML 7Page - CUI Devices AMT10 Datasheet HTML 8Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CUI DEVICES | SERIES: AMT10 | DESCRIPTION: MODULAR INCREMENTAL ENCODER
date 08/05/2022 | page 4 of 8
cuidevices.com
ENCODER INTERFACE
PINOUT CONNECTOR
Function
#
AMT102
AMT103
B
B CHANNEL
B CHANNEL
5V
+5 V
+5 V
A
A CHANNEL
A CHANNEL
X
INDEX CHANNEL
INDEX CHANNEL
G
GND
GND
T
UNUSED
N/A
AMT102
AMT103
Mating Connector:
AMP 3-640440-5 (tin)
AMP 3-641237-5 (gold)
Mating Connector:
Molex 50-57-9405 Housing
Molex 16-02-0086 Terminals
RESOLUTION SETTINGS
4
3
2
1
(off) 0
(on)1
Example setting: 500 PPR
DIP switch:
1 = On, 0 = Off
Resolution (PPR)
Maximum RPM
1
2
3
4
2048
7500
0
0
0
0
1024
7500
0
0
1
0
1000
7500
1
0
0
0
800
7500
0
1
0
0
512
15000
0
0
0
1
500
7500
1
0
1
0
400
7500
0
1
1
0
384
7500
1
1
0
0
256
15000
0
0
1
1
250
15000
1
0
0
1
200
15000
0
1
0
1
192
7500
1
1
1
0
125
15000
1
0
1
1
100
15000
0
1
1
1
96
15000
1
1
0
1
48
15000
1
1
1
1
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com