Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT10 Datasheet(PDF) 5 Page - CUI Devices

Part # AMT10
Description  MODULAR INCREMENTAL ENCODER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

AMT10 Datasheet(HTML) 5 Page - CUI Devices

  AMT10 Datasheet HTML 1Page - CUI Devices AMT10 Datasheet HTML 2Page - CUI Devices AMT10 Datasheet HTML 3Page - CUI Devices AMT10 Datasheet HTML 4Page - CUI Devices AMT10 Datasheet HTML 5Page - CUI Devices AMT10 Datasheet HTML 6Page - CUI Devices AMT10 Datasheet HTML 7Page - CUI Devices AMT10 Datasheet HTML 8Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CUI DEVICES | SERIES: AMT10 | DESCRIPTION: MODULAR INCREMENTAL ENCODER
date 08/05/2022 | page 5 of 8
cuidevices.com
15.340.604
9.00 0.354
43.381.708
52.50 2.067
15.300.602
R
0.610
15.50
28.77 1.133
MECHANICAL DRAWING
units: mm[inch]
tolerance: ±0.1mm
units: mm[inch]
tolerance: ±0.1mm
AMT102
AMT102 WIDE BASE
0.610
R15.50
15.30 0.602
28.771.133
15.340.604
9.00 0.354
43.381.708
units: mm[inch]
tolerance: ±0.1mm
AMT103
0.488
15.300.602
0.269
1.126
28.60
12.39
6.83
R15.50 0.610
15.34 0.604
9.00 0.354
1.347
34.21
11.50 0.453
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com