Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT10E Datasheet(PDF) 2 Page - CUI Devices

Part # AMT10E
Description  MODULAR INCREMENTAL ENCODER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

AMT10E Datasheet(HTML) 2 Page - CUI Devices

  AMT10E Datasheet HTML 1Page - CUI Devices AMT10E Datasheet HTML 2Page - CUI Devices AMT10E Datasheet HTML 3Page - CUI Devices AMT10E Datasheet HTML 4Page - CUI Devices AMT10E Datasheet HTML 5Page - CUI Devices AMT10E Datasheet HTML 6Page - CUI Devices AMT10E Datasheet HTML 7Page - CUI Devices AMT10E Datasheet HTML 8Page - CUI Devices AMT10E Datasheet HTML 9Page - CUI Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CUI DEVICES | SERIES: AMT10E | DESCRIPTION: MODULAR INCREMENTAL ENCODER
date 08/05/2022 | page 2 of 10
cuidevices.com
WAVEFORMS
X
A
B
I
P
T
S S S S
Quadrature signals with index showing
counter-clockwise rotation
Figure 1
MECHANICAL
parameter
conditions/description
min
typ
max
units
motor shaft length
9
mm
motor shaft tolerance
NOM +0/-0.015
mm
weight
AMT10E2
AMT10E3
20.5
14.0
g
g
axial play
±0.3
mm
rotational speed (at each
resolution)
480, 960, 1000, 1250, 2000, 2500, 2560, 5120
3000
RPM
120, 240, 250, 312.5, 500, 625, 640, 1280
6000
RPM
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature1
-40
100
°C
humidity
non-condensing
95
%
vibration
20~500 Hz, 1 hour on each XYZ
10
G
shock
11 ms, ±XYZ direction
50
G
RoHS
yes
Note:
1. Encoders with operating temperature of -40~125°C are available as a custom order
Parameter
Description
Expression
Units
Notes
PPR
resolution
Pulses Per Revolution
This is the user selected value and the format
all resolutions are listed in
CPR
counts
PPR x 4
Counts Per Revolution
This is the number of quadrature counts the
encoder has
T
period
360/R
mechanical degrees
P
pulse width
T/2
mechanical degrees
S
A/B state width
T/4
mechanical degrees
This is the width of a quadrature state
I
index width
T/4
mechanical degrees
The width of a once per turn index is the state
width for A & B lines
The following parameters are defined by the resolution selected for each encoder. The
encoders resolution is listed as Pulses Per Revolution (PPR), which is the number of
periods (or high pulses) over the encoders revolution.
Note:
For more information regarding PPR, CPR, or LPR (Lines Per Revolution) view https://www.cuidevices.com/blog/what-is-encoder-ppr-cpr-and-lpr
Additional Resources: Product Page



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com