Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT10E Datasheet(PDF) 3 Page - CUI Devices

Part # AMT10E
Description  MODULAR INCREMENTAL ENCODER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

AMT10E Datasheet(HTML) 3 Page - CUI Devices

  AMT10E Datasheet HTML 1Page - CUI Devices AMT10E Datasheet HTML 2Page - CUI Devices AMT10E Datasheet HTML 3Page - CUI Devices AMT10E Datasheet HTML 4Page - CUI Devices AMT10E Datasheet HTML 5Page - CUI Devices AMT10E Datasheet HTML 6Page - CUI Devices AMT10E Datasheet HTML 7Page - CUI Devices AMT10E Datasheet HTML 8Page - CUI Devices AMT10E Datasheet HTML 9Page - CUI Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CUI DEVICES | SERIES: AMT10E | DESCRIPTION: MODULAR INCREMENTAL ENCODER
date 08/05/2022 | page 3 of 10
cuidevices.com
PART NUMBER KEY
For customers that prefer a specific AMT10E configuration, please reference the custom configuration key below.
AMT10E-V KITS
In order to provide maximum flexibility for our customers, the AMT10E series is provided in kit form standard. This allows the user to implement the encoder into a range of applica-
tions using one sku#, reducing engineering and inventory costs.
SLEEVES
2mm
3mm
1/8 inch
(3.175mm)
4mm
3/16 inch
(4.76mm)
5mm6mm
1/4 inch
(6.35mm)
8mm
Light Sky
Blue
Orange
Purple
Gray
YellowGreen
RedSnowBlue
AMT10E2
AMT10E2
TOP COVER
SHAFT
ADAPTER
AMT10E2
BASE
WIDE BASE
AMT10E3
BASE
AMT10E3
TOP COVER
TOOL B
TOOL A
AMT10E3
WIDE BASE
AMT10EX-V
Orientation:
2 = Radial
3 = Axial
*See Mechanical Drawings
ORDERING GUIDE
AMT10EX - X XXXX - X XXXX - X
Resolution1 (ppr):
0120
0960
0240
1000
0250
1250
0312
1280
0480
2000
0500
2500
0625
2560
0640
5120
Resolution Option:
“blank” = fixed resolution
D = adjustable resolution
Sleeve Bore Diameter:
2000 = 2 mm
3000 = 3 mm
3175 = 3.175 mm (1/8”)
4000 = 4 mm
4760 = 4.76 mm (3/16”)
5000 = 5 mm
6000 = 6 mm
6350 = 6.35 mm (1/4”)
8000 = 8 mm
Base Number
Orientation:
2 = Radial
3 = Axial
*See Mechanical Drawings
Mounting Base:
S = Standard
W = Wide
Index Pulse:
I = single index pulse
per revolution
N = 20 index pulses
per revolution
Note:
1. Fixed resolutions are permanently set at this value; adjustable resolutions are preset via DIP switch to this value upon shipment.
Additional Resources: Product Page



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com