Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT13A Datasheet(PDF) 1 Page - CUI Devices

Part # AMT13A
Description  MODULAR INCREMENTAL ENCODER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

AMT13A Datasheet(HTML) 1 Page - CUI Devices

  AMT13A Datasheet HTML 1Page - CUI Devices AMT13A Datasheet HTML 2Page - CUI Devices AMT13A Datasheet HTML 3Page - CUI Devices AMT13A Datasheet HTML 4Page - CUI Devices AMT13A Datasheet HTML 5Page - CUI Devices AMT13A Datasheet HTML 6Page - CUI Devices AMT13A Datasheet HTML 7Page - CUI Devices AMT13A Datasheet HTML 8Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
date 08/05/2022
page 1 of 8
SERIES: AMT13A | DESCRIPTION: MODULAR INCREMENTAL ENCODER
cuidevices.com
ELECTRICAL
parameter
conditions/description
min
typ
max
units
power supply
VDD
4.5
5
5.5
V
start-up time1
200
ms
current consumption
with unloaded output
8
mA
single ended channels
output high level
output low level
output current (per channel)
rise/fall time
VDD-0.1
8
0.1
15
V
V
mA
ns
differential RS-422 channels
output high level
output low level
output current (per channel)
rise/fall time
3
7
11
0.1
25
20
V
V
mA
ns
Note:
1. Encoder must be stationary during start-up.
INCREMENTAL CHARACTERISTICS
parameter
conditions/description
min
typ
max
units
channels
CMOS Voltage (S)
Quadrature Line Driver (Q)
A, B
A, A, B, B
waveform
CMOS voltage square wave
phase difference
A leads B for CCW rotation (viewed from front)
quadrature resolutions2
96, 192, 200, 250, 384, 400, 500, 512
768, 800, 1000, 1024, 1600, 2000, 2048, 4096
PPR
accuracy
0.2
degrees
quadrature duty cycle (at each
resolution)
96, 192, 384
200, 250, 400, 768, 800
500, 1000, 1600
512, 1024 , 2048, 4096
2000
49
48
46
50
44
50
50
50
50
50
51
52
54
50
56
%
%
%
%
%
Notes:
2. Default resolution set to 4096 PPR. All resolutions are listed as pre-quadrature, meaning the final number of counts is PPR x 4.
FEATURES
• patented capacitive ASIC technology
• low power consumption
• incremental resolutions up to 4096 PPR
• differential line driver versions
• compact modular package with locking hub for ease of installation
• radial and axial cable connections
• -40~125°C operating temperature
¯
¯
Additional Resources: Product Page


Similar Part No. - AMT13A

ManufacturerPart #DatasheetDescription
logo
CUI INC
AMT13A CUI-AMT13A Datasheet
1Mb / 8P
MODULAR INCREMENTAL ENCODER
07/19/2022
logo
CUI Devices
AMT13A CUID-AMT13A Datasheet
1Mb / 9P
MODULAR INCREMENTAL ENCODER
01/12/2023
logo
Same Sky Devices
AMT13A SAMESKY-AMT13A Datasheet
1Mb / 9P
MODULAR INCREMENTAL ENCODER
09/12/2024
logo
CUI Devices
AMT13A2Q-0096-1000-S CUID-AMT13A2Q-0096-1000-S Datasheet
1Mb / 9P
MODULAR INCREMENTAL ENCODER
01/12/2023
logo
Same Sky Devices
AMT13A2Q-0096-1000-S SAMESKY-AMT13A2Q-0096-1000-S Datasheet
1Mb / 9P
MODULAR INCREMENTAL ENCODER
09/12/2024
More results

Similar Description - AMT13A

ManufacturerPart #DatasheetDescription
logo
CUI INC
LME CUI-LME Datasheet
874Kb / 5P
modular incremental encoder
AMT12 CUI-AMT12 Datasheet
1Mb / 7P
MODULAR INCREMENTAL ENCODER
AMT11A CUI-AMT11A Datasheet
721Kb / 9P
MODULAR INCREMENTAL ENCODER
11/18/2021
AMT11 CUI-AMT11_V01 Datasheet
733Kb / 9P
MODULAR INCREMENTAL ENCODER
09/10/2021
AMT13 CUI-AMT13_V01 Datasheet
1Mb / 8P
MODULAR INCREMENTAL ENCODER
09/10/2021
AMT10 CUI-AMT10_V01 Datasheet
948Kb / 8P
MODULAR INCREMENTAL ENCODER
08/04/2021
AMT12 CUI-AMT12_V01 Datasheet
1Mb / 7P
MODULAR INCREMENTAL ENCODER
09/10/2021
logo
CUI Devices
AMT10 CUID-AMT10 Datasheet
869Kb / 8P
MODULAR INCREMENTAL ENCODER
08/05/2022
AMT11 CUID-AMT11 Datasheet
647Kb / 9P
MODULAR INCREMENTAL ENCODER
08/05/2022
AMT13 CUID-AMT13 Datasheet
1Mb / 8P
MODULAR INCREMENTAL ENCODER
08/05/2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com