Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT13A Datasheet(PDF) 6 Page - CUI Devices

Part # AMT13A
Description  MODULAR INCREMENTAL ENCODER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

AMT13A Datasheet(HTML) 6 Page - CUI Devices

  AMT13A Datasheet HTML 1Page - CUI Devices AMT13A Datasheet HTML 2Page - CUI Devices AMT13A Datasheet HTML 3Page - CUI Devices AMT13A Datasheet HTML 4Page - CUI Devices AMT13A Datasheet HTML 5Page - CUI Devices AMT13A Datasheet HTML 6Page - CUI Devices AMT13A Datasheet HTML 7Page - CUI Devices AMT13A Datasheet HTML 8Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CUI DEVICES | SERIES: AMT13A | DESCRIPTION: MODULAR INCREMENTAL ENCODER
date 08/05/2022 | page 6 of 8
cuidevices.com
AMT13A2
AMT13A3
MECHANICAL DRAWING
units: mm
tolerance:
X.XX ±0.01 mm
hole dia: ±0.003 mm
ALIGNMENT TOOL TO
BE REMOVED AFTER
INSTALLATION
Additional Resources: Product Page



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com