Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A768EB127M1GLAS034 Datasheet(PDF) 13 Page - Kemet Corporation

Part # A768EB127M1GLAS034
Description  A768 125°C
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

A768EB127M1GLAS034 Datasheet(HTML) 13 Page - Kemet Corporation

Back Button A768EB127M1GLAS034 Datasheet HTML 9Page - Kemet Corporation A768EB127M1GLAS034 Datasheet HTML 10Page - Kemet Corporation A768EB127M1GLAS034 Datasheet HTML 11Page - Kemet Corporation A768EB127M1GLAS034 Datasheet HTML 12Page - Kemet Corporation A768EB127M1GLAS034 Datasheet HTML 13Page - Kemet Corporation A768EB127M1GLAS034 Datasheet HTML 14Page - Kemet Corporation A768EB127M1GLAS034 Datasheet HTML 15Page - Kemet Corporation A768EB127M1GLAS034 Datasheet HTML 16Page - Kemet Corporation A768EB127M1GLAS034 Datasheet HTML 17Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
A4088_A768 • 9/26/2022
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Surface Mount Solid Polymer Aluminum Capacitors
A768 125°C
Lead Taping & Packaging
97±1
B±0.2
380±2
2±0.5
25±0.8
13±0.2
A±0.5
Size Code
Diameter (mm)
Length (mm)
Reel
Quantity/SPQ
Box Quantity
Reel
A
B
±0.5
±0.2
BC
5
6
1,000
10,000
17
21
BG
5
7
1,000
10,000
17
21
EB
6.3
5.7
1,000
10,000
18
22
EG
6.3
7
1,000
10,000
18
22
EK
6.3
8
1,000
10,000
18
22
EN
6.3
9.7
800
8,000
18
22
KE
8
6.7
1,000
6,000
26
30
KG
8
7
1,000
6,000
26
30
KH
8
7.5
500
3,000
26
30
KN
8
9.7
500
3,000
26
30
KS
8
12.2
400
2,400
26
30
MN
10
10
500
3,000
26
30
MS
10
12.2
400
2,400
26
30
MU
10
12.6
400
2,400
26
30
MS (Anti-Vibration)
10
12.4
400
2,400
26
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com