Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A768EB127M1GLAS034 Datasheet(PDF) 2 Page - Kemet Corporation

Part # A768EB127M1GLAS034
Description  A768 125°C
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

A768EB127M1GLAS034 Datasheet(HTML) 2 Page - Kemet Corporation

  A768EB127M1GLAS034 Datasheet HTML 1Page - Kemet Corporation A768EB127M1GLAS034 Datasheet HTML 2Page - Kemet Corporation A768EB127M1GLAS034 Datasheet HTML 3Page - Kemet Corporation A768EB127M1GLAS034 Datasheet HTML 4Page - Kemet Corporation A768EB127M1GLAS034 Datasheet HTML 5Page - Kemet Corporation A768EB127M1GLAS034 Datasheet HTML 6Page - Kemet Corporation A768EB127M1GLAS034 Datasheet HTML 7Page - Kemet Corporation A768EB127M1GLAS034 Datasheet HTML 8Page - Kemet Corporation A768EB127M1GLAS034 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
A4088_A768 • 9/26/2022
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Surface Mount Solid Polymer Aluminum Capacitors
A768 125°C
Part Number System
A
768
EB
127
M
1D
LA
E
034
Capacitor
Class
Series
Size Code
Capacitance
Code (pF)
Tolerance
Rated Voltage
(VDC)
Packaging
Electrical
Parameters
ESR
A = Aluminum
Surface
Mount Solid
Polymer
Aluminum
Capacitors
125°C
2,000 hours
High
Temperature
See
Dimension
Table
First two
digits
represent
significant
figures for
capacitance
values. Last
digit specifies
the number
of zeros to be
added.
M = ±20%
16 = 1C
20 = 1D
25 = 1E
35 = 1V
40 = 1G
50 = 1H
63 = 1J
80 = 1K
LA =
Tape & Reel
E = Standard/ESR
S = Automotive
V = Automotive +
Anti-Vibration
AEC-Q200
available up to
63 V
(80 V upon
request)
Last 3 digits
represent
significant
figures for
ESR values.
(mΩ)
Ordering Options Table
Packaging Type
Packaging Code
Standard Packaging Options
Tape & Reel
LA
Contact KEMET for other Lead and Packaging options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com