Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-2COM-M Datasheet(PDF) 1 Page - Coolgear Inc.

Part # USB-2COM-M
Description  9 Adapter Industrial Metal Housing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOLGEAR [Coolgear Inc.]
Direct Link  https://www.coolgear.com/
Logo COOLGEAR - Coolgear Inc.

USB-2COM-M Datasheet(HTML) 1 Page - Coolgear Inc.

  USB-2COM-M Datasheet HTML 1Page - Coolgear Inc. USB-2COM-M Datasheet HTML 2Page - Coolgear Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CoolGear, Inc.
5120 110th Ave N
Clearwater, FL 33760
P: +1-727-209-1300
F: +1-727-209-1302
www.coolgear.com
The USB-2COM-M USB to 2-Port Rugged Metal Serial Adapter is designed to make serial port expansion quick
and simple. Plugging the USB Serial Adapter to the USB port, the adapter is automatically detected and
installed. The USB Serial Adapter provides instant connectivity to RS-232 communication device for factory
automation equipment, multi-drop data collection devices, barcode readers, time clocks, scales, data entry
terminal and serial communication in harsh environment.
Features
Product Information
•
Adds two industrial RS-232 serial ports by connecting
to a USB port.
•
Optional feature to supply power output of 5V, 150mA
through PIN-1 & 2 of terminal block to the serial
devices requiring power.
•
Installed as standard Windows COM port
•
SECC metal chassis with DIN rail bracket
•
Full RS-232 modem control signals and
hardware/software flow control.
•
RS-232 data signals: TxD, RxD, RTS, CTS, DSR, DTR, DCD,
RI, GND
•
Model Number: USB-2COM-M
•
Packing List:
o
USB-2COM-M 2-Port RS-232 Serial Adapter
o
3ft. USB-A male to USB-B male cable
o
Driver Disk
•
Optional Accessories: N/A
Technical Data Sheet
2 Port USB to Serial RS-232 DB-9 Adapter
Industrial Metal Housing
Model Number: USB-2COM-M


Similar Part No. - USB-2COM-M

ManufacturerPart #DatasheetDescription
logo
Coolgear Inc.
USB-2COMI-M COOLGEAR-USB-2COMI-M Datasheet
277Kb / 3P
Basic Measurements Terminals
7/29/21
USB-2COMI-SI-M COOLGEAR-USB-2COMI-SI-M Datasheet
129Kb / 2P
2 Port USB to RS-422 /485 Optical Isolated Adapter
USB-2COMIPRO COOLGEAR-USB-2COMIPRO Datasheet
596Kb / 4P
Basic Measurements Terminals
11/12/21
More results

Similar Description - USB-2COM-M

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AP-LD9687201100 AAEON-AP-LD9687201100 Datasheet
199Kb / 1P
Industrial Monitor, 20??1000 nits, TFT, AC Adapter, VGA, Housing
logo
Level One
WAP-6015 LVL1-WAP-6015 Datasheet
552Kb / 4P
Metal Housing
logo
Molex Electronics Ltd.
1060597200 MOLEX1-1060597200 Datasheet
49Kb / 1P
Optical Industrial Adapter, LC Duplex, Multimode, Metal Dust Cover, with Logo
1060597400 MOLEX1-1060597400 Datasheet
49Kb / 1P
Optical Industrial Adapter, LC Duplex, Multimode, Metal Dust Cover, without Logo
1060597600 MOLEX1-1060597600 Datasheet
49Kb / 1P
Optical Industrial Adapter, LC Duplex, Singlemode, Metal Dust Cover, with Logo
1060597200 MOLEX-1060597200_V01 Datasheet
49Kb / 1P
Optical Industrial Adapter, LC Duplex, Multimode, Metal Dust Cover, with Logo
1060597400 MOLEX-1060597400_V01 Datasheet
49Kb / 1P
Optical Industrial Adapter, LC Duplex, Multimode, Metal Dust Cover, without Logo
1060597800 MOLEX-1060597800_V01 Datasheet
49Kb / 1P
Optical Industrial Adapter, LC Duplex, Singlemode, Metal Dust Cover, without Logo
logo
Lite-On Technology Corp...
PA-1450-50 LITEON-PA-1450-50 Datasheet
412Kb / 3P
Industrial Adapter Power Delivery 5/9/12/15/20V Series
PA-1650-58 LITEON-PA-1650-58 Datasheet
390Kb / 3P
Industrial Adapter Power Delivery 5/9/12/15/20V Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com