Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-2COM-M Datasheet(PDF) 2 Page - Coolgear Inc.

Part # USB-2COM-M
Description  9 Adapter Industrial Metal Housing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOLGEAR [Coolgear Inc.]
Direct Link  https://www.coolgear.com/
Logo COOLGEAR - Coolgear Inc.

USB-2COM-M Datasheet(HTML) 2 Page - Coolgear Inc.

  USB-2COM-M Datasheet HTML 1Page - Coolgear Inc. USB-2COM-M Datasheet HTML 2Page - Coolgear Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
TECHNICAL DATA SHEET
CoolGear, Inc.
5120 110th Ave N
Clearwater, FL 33760
P: +1-727-209-1300
F: +1-727-209-1302
www.coolgear.com
•
High speed serial port with the baud rate up to 921.6K
bps.
•
128 byte transmit FIFO & 384 byte receive FIFO.
•
Non-standard baud rates supported.
•
Serial port protected with surge protection of 10KV
•
COM port number assigned can be changed to any
COM port number required
•
LEDs of Power, TxD and RxD for easy port monitoring
and diagnostics
•
Works with USB 1.1 & 2.0 host port
Specifications
Overview
Interface
USB to Serial (USB 2.0 backward compatible with USB 1.1)
Port Connections
1 Upstream USB-B / 1 DB-9 Male / 1 Two Wire Terminal Connection
Protections
Surge protection of 10KV
Protocol
RS-232 Serial
Speed
up to 921.6K bps
Available Power Modes
USB Bus Powered, no external power adapter required
Color
Black
Physical Features
LEDs
TxD and RxD
Construction
SECC Metal
Cable Length
3ft.
Dimensions
57 x 72 x 22 mm (W×L×H), 82 x 82 x 22 mm with DB9 connector and ears
Weight
4.9 oz
OS Support
Windows Vista, Windows 7, Windows 8, & Windows 10 / Linux and Mac OS 10.X
Current Certifications
RoHS, WEEE
Signals
RS-232
TxD, RxD, RTS, CTS, DTR, DSR, DCD, GND
Transmit
128 byte transmit FIFO
Receive
384 byte receive FIFO
Environment
Operating Temperature
0 to 55 °C (32 to 131 °F)
Operating Humidity
5 to 95% RH
Storage Temperature
-20 to 75 °C (-4 to 167 °F)
General Applications
Applications
Modem, POS, Printer, BarCode Scanners, Time Clocks – Industrial serial RS-232 protocol applications
Product URL
USB2-2COM-M
product page
https://www.coolgear.com/product/2-port-usb-to-serial-rs-232-db-9-adapter-industrial-metal-
housing



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com