Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-4COM Datasheet(PDF) 2 Page - Coolgear Inc.

Part # USB-4COM
Description  232 USB to Serial Adapter Data Control Box
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOLGEAR [Coolgear Inc.]
Direct Link  https://www.coolgear.com/
Logo COOLGEAR - Coolgear Inc.

USB-4COM Datasheet(HTML) 2 Page - Coolgear Inc.

  USB-4COM Datasheet HTML 1Page - Coolgear Inc. USB-4COM Datasheet HTML 2Page - Coolgear Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
TECHNICAL DATA SHEET
CoolGear, Inc.
5120 110th Ave N
Clearwater, FL 33760
P: +1-727-209-1300
F: +1-727-209-1302
www.coolgear.com
•
Works with USB 1.1 & 2.0 host port
•
Supports Windows 8, Windows 7, Vista, 2003, XP, 2000
and Linux.
Specifications
Overview
Interface
USB to Serial
Port Connections
4x DB-9 Male / 1USB Type-B Female
Protections
10KV surge protection
USB Speed
USB 1.0 / 1.1 compliant, USB 2.0 compatible up to 480Mbps
Protocol
RS-232
Baud Rate
up to 921.6K bps
Available Power Modes
USB Bus Powered, no external power adapter required
Color
Silver
Compliance
TAA
Physical Features
Construction
Plastic
Cable Length
3ft.
Dimensions
5.43(L) x 5.12(W) x 1.56in(H)
Weight
.468 lbs
OS Support
Windows 8, Windows 7, Vista, 2003, XP, Linux.
Signals
RS-232 Data Signals
TxD, RxD, RTS, CTS, DSR, DTR, DCD, RI, GND
Indicators
LED
built-in LED status indicators for TxD and RxD
General Applications
Applications
Modem use, ISDN TAs, PDAs, handheld & pocket PC’s, digital cameras, POS, serial printers, suitable
for remote access and others.
Product URL
USB-4COM
product page
https://www.coolgear.com/product/4-port-rs-232-usb-serial-adapter-data-control-box



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com