Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-4COM Datasheet(PDF) 1 Page - Coolgear Inc.

Part # USB-4COM
Description  232 USB to Serial Adapter Data Control Box
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOLGEAR [Coolgear Inc.]
Direct Link  https://www.coolgear.com/
Logo COOLGEAR - Coolgear Inc.

USB-4COM Datasheet(HTML) 1 Page - Coolgear Inc.

  USB-4COM Datasheet HTML 1Page - Coolgear Inc. USB-4COM Datasheet HTML 2Page - Coolgear Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CoolGear, Inc.
5120 110th Ave N
Clearwater, FL 33760
P: +1-727-209-1300
F: +1-727-209-1302
www.coolgear.com
The USB-4COM adds 4 RS-232 serial ports via an available USB port, the serial adapter control box uses FTDI
and is automatically detected. The 4-Port RS-232 USB to Serial Adapter provides instant connectivity with
modems, ISDN TAs, PDAs, handheld & pocket PC’s, digital cameras, POS, serial printers. It is suitable for
remote access, retail and industrial applications, data collection and other applications requiring high speed
RS-232 serial communication ports.
Features
Product Information
•
TAA Compliant.
•
Adds four high speed RS-232 serial ports.
•
Rugged plastic housing with built-in LED status
indicators for TxD and RxD.
•
Installed as standard Windows COM port.
•
Full RS-232 modem control signals and
hardware/software flow control.
•
Non-standard baud rates supported.
•
Serial port protected with surge protection of 10KV.
•
Powered by USB port.
•
Easy plug-and-play installation.
•
COM port number assigned can be changed.
•
Model Number: USB-4COM
•
Packing List:
o
USB to Serial RS-232 Adapter
o
3ft. USB-A male to USB-B male cable
o
Driver Disk
•
Optional Accessories: N/A
Technical Data Sheet
4-Port RS-232 USB to Serial Adapter Data
Control Box
Model Number: USB-4COM


Similar Part No. - USB-4COM

ManufacturerPart #DatasheetDescription
logo
Coolgear Inc.
USB-4COMI-M COOLGEAR-USB-4COMI-M Datasheet
65Kb / 1P
4-Port RS-422 / 485 USB to Serial Adapter
7/13/2016
USB-4COMI-SI-M COOLGEAR-USB-4COMI-SI-M Datasheet
540Kb / 3P
Basic Measurements
8/4/2021
More results

Similar Description - USB-4COM

ManufacturerPart #DatasheetDescription
logo
IOGEAR
GUC232A IOGEAR-GUC232A Datasheet
134Kb / 2P
USB to Serial RS-232 Adapter
logo
Coolgear Inc.
USB2-4COM-SI-M COOLGEAR-USB2-4COM-SI-M Datasheet
64Kb / 1P
USB 2.0 to 4 Port RS-232 Serial Adapter Optical isolated
6/27/2016
USB2-8COM-M COOLGEAR-USB2-8COM-M Datasheet
1Mb / 3P
USB USB 2.0 Serial high speed adapter box industrial
Rev 04.220329
USB-32COM-RM COOLGEAR-USB-32COM-RM Datasheet
98Kb / 1P
32 Port RS-232 USB-to-Serial Adapter
USB-8COM COOLGEAR-USB-8COM Datasheet
122Kb / 2P
8-Port RS-232 USB to Serial Adapter Data Control Box
USB-COM-M COOLGEAR-USB-COM-M Datasheet
145Kb / 3P
USB 2.0 to Serial High-Speed RS-232 Industrial Adapter
USBG-232FT-1 COOLGEAR-USBG-232FT-1 Datasheet
133Kb / 2P
Dual Port RS-232 USB-to-Serial Plugin Adapter
USBG-232MINI COOLGEAR-USBG-232MINI Datasheet
128Kb / 2P
Mini USB to RS-232 Serial Adapter DB-9 Male Converter
USBG-8X-RS232 COOLGEAR-USBG-8X-RS232 Datasheet
442Kb / 2P
Eight Port USB to Serial Adapter Box with Prolific Chipset
USB-COMI-PRO COOLGEAR-USB-COMI-PRO Datasheet
224Kb / 2P
1-Port USB to Serial Adapter (RS-232/422/485) , DIN-rail
10/13/2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com