Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2-4COM-M Datasheet(PDF) 1 Page - Coolgear Inc.

Part # USB2-4COM-M
Description  USB 2.0 4-Port USB Serial DB
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOLGEAR [Coolgear Inc.]
Direct Link  https://www.coolgear.com/
Logo COOLGEAR - Coolgear Inc.

USB2-4COM-M Datasheet(HTML) 1 Page - Coolgear Inc.

  USB2-4COM-M Datasheet HTML 1Page - Coolgear Inc. USB2-4COM-M Datasheet HTML 2Page - Coolgear Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CoolGear, Inc.
5120 110th Ave N
Clearwater, FL 33760
P: +1-727-209-1300
F: +1-727-209-1302
www.coolgear.com
The USB2-4COM-M USB Serial Adapter provides instant connectivity to RS-232 communication device for
factory automation equipment, multi-drop data collection devices, barcode readers, time clocks, scales, data
entry terminal and serial communication in harsh environment. The USB to Serial Adapter is suitable for
remote access, retail and industrial application, data collection and other applications requiring high speed RS-
232 communication ports.
Features
Product Information
•
Installed as 4 standard Windows COM ports.
•
SECC metal chassis with DIN rail bracket.
•
Full RS-232 modem control signals and
hardware/software flow control.
•
RS-232 data signals: TxD, RxD, RTS, CTS, DSR, DTR, DCD,
RI, GND.
•
High speed serial port with the baud rate up to 921.6K
bps.
•
128 byte transmit FIFO & 384 byte receive FIFO.
•
Non-standard baud rates supported
•
LEDs of Power, TxD and RxD for easy port monitoring
and diagnostics.
•
Model Number: USB2-4COM-M
•
Packing List:
o
USB2-4COM-M 4-Port RS-232 Serial Adapter
o
3ft. USB-A male to USB-B male cable
o
DIN rail brackets and screws
o
Driver Disk
•
Optional Accessories: N/A
Technical Data Sheet
USB 2.0 4-Port USB Serial DB-9 RS-232 Adapter
– FTDI Chipset
Model Number: USB2-4COM-M


Similar Part No. - USB2-4COM-M

ManufacturerPart #DatasheetDescription
logo
Coolgear Inc.
USB2-4COM-M-CBL COOLGEAR-USB2-4COM-M-CBL Datasheet
156Kb / 1P
4-Port RS-232 USB to Serial Adapter Octopus Cable DIN Rail
More results

Similar Description - USB2-4COM-M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL850 ETC-GL850 Datasheet
382Kb / 40P
USB 2.0 4-PORT HUB Controller
logo
SMSC Corporation
USB20H04 SMSC-USB20H04 Datasheet
762Kb / 35P
4-PORT USB 2.0 HUB CONTROLLER
logo
Exar Corporation
XR22404 EXAR-XR22404 Datasheet
465Kb / 14P
USB 2.0 4-Port Hub
XR22414DS EXAR-XR22414DS Datasheet
565Kb / 13P
USB 2.0 4-Port MTT Hub
logo
IOGEAR
GUH274 IOGEAR-GUH274 Datasheet
137Kb / 2P
4-Port USB 2.0 MicroHub?
GUH285W6 IOGEAR-GUH285W6 Datasheet
143Kb / 3P
4-Port USB 2.0 Hub
logo
Coolgear Inc.
USB2-8COMI-TB COOLGEAR-USB2-8COMI-TB Datasheet
100Kb / 1P
USB 2.0 to 8-Port Terminal Block Serial
USBG-4X232P1 COOLGEAR-USBG-4X232P1 Datasheet
489Kb / 2P
USB 4-Port Serial Adapter - USB 2.0 to DB-9 Port RS232 with FTDI CHIP
logo
Bel Fuse Inc.
CT520015 BEL-CT520015 Datasheet
197Kb / 1P
4 PORT USB 2.0 STACK JACK
Rev. A0
logo
Coolgear Inc.
USB2-4COMI-TB COOLGEAR-USB2-4COMI-TB Datasheet
109Kb / 1P
USB 2.0 to 4-Port Terminal Block Serial Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com