Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2-4COM-M Datasheet(PDF) 2 Page - Coolgear Inc.

Part # USB2-4COM-M
Description  USB 2.0 4-Port USB Serial DB
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOLGEAR [Coolgear Inc.]
Direct Link  https://www.coolgear.com/
Logo COOLGEAR - Coolgear Inc.

USB2-4COM-M Datasheet(HTML) 2 Page - Coolgear Inc.

  USB2-4COM-M Datasheet HTML 1Page - Coolgear Inc. USB2-4COM-M Datasheet HTML 2Page - Coolgear Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
TECHNICAL DATA SHEET
CoolGear, Inc.
5120 110th Ave N
Clearwater, FL 33760
P: +1-727-209-1300
F: +1-727-209-1302
www.coolgear.com
•
Serial port protected with surge protection of 10KV
•
Powered by USB port, no external power adapter
required.
•
Easy plug and play installation and RS-232 device
connection.
•
COM port number assigned can be changed to any
COM port number required.
•
Compatible with USB 1.1 & 2.0 host port.
Specifications
Overview
Interface
USB to RS-232
Port Connections
4x DB-9 Male
Protections
Surge protection of 10KV
Protocol
RS-232 Serial
Speed
up to 921.6K bps
Available Power Modes
USB Bus Powered, no external power adapter required
Color
Black
Physical Features
LEDs
TxD and RxD
Construction
SECC Metal
Cable Length
3ft.
Dimensions
171.32mm(L) x 99.95mm(W w/DB-9) x 30.06mm(H)
Weight
1.075 lbs
OS Support
Windows XP, Vista, Windows 7, Windows 8, and Windows 10, Linux and Mac OS 10.X
Current Certifications
CE, FCC, RoHS
Signals
RS-232
TxD, RxD, RTS, CTS, DTR, DSR, DCD, GND
Transmit
128 byte transmit FIFO
Receive
384 byte receive FIFO
Environment
Operating Temperature
0 to 55 °C (32 to 131 °F)
Operating Humidity
5 to 95% RH
Storage Temperature
-20 to 75 °C (-4 to 167 °F)
General Applications
Applications
Modem, POS, Printer, BarCode Scanners, Time Clocks – Industrial serial RS-232 protocol applications
Product URL
USB2-4COM-M
product page
https://www.coolgear.com/product/usb2-0-4-port-usb-serial-db-9-rs-232-adapter-ftdi-chipset



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com