Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WCS2200 Datasheet(PDF) 4 Page - DIWELL Electronics Co., Ltd.

Part # WCS2200
Description  Linear Current Sensor with differential outputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

WCS2200 Datasheet(HTML) 4 Page - DIWELL Electronics Co., Ltd.

  WCS2200 Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. WCS2200 Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. WCS2200 Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. WCS2200 Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. WCS2200 Datasheet HTML 5Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
WCS2200
Winson reserves the right to make changes to improve reliability or manufacturability.
©Winson Semiconductor Corp. 2017/4/19
Page 4
y = 0.1611x + 0.0436
R² = 0.9989
-5
-4
-3
-2
-1
0
1
2
3
4
5
-40
-30
-20
-10
0
10
20
30
40
IP(A)
WCS2200 Differential Output V.S IP with Vdd 5V
y = 0.1134x + 0.0591
R² = 0.9996
-3
-2
-1
0
1
2
3
-30 -25 -20 -15 -10 -5
0
5 10 15 20 25 30
IP(A)
WCS2200 Differential Output V.S IP with Vdd 3.3V
-40˚C -30˚C -20˚C -10˚C 0˚C
10˚C 20˚C 30˚C 40˚C 50˚C 60˚C 70˚C 80˚C 90˚C 100˚C 110˚C 120˚C
ratio 0.953 1.008 1.044 1.054 1.054 1.042 1.025
1
0.972 0.941 0.905 0.867 0.826 0.786 0.742 0.697 0.644
0.0
0.2
0.4
0.6
0.8
1.0
1.2
WCS2200 Sensitivity standardization of 30˚C (5V) V.S Temperature
-40˚C -30˚C -20˚C -10˚C 0˚C 10˚C 20˚C 30˚C 40˚C 50˚C 60˚C 70˚C 80˚C 90˚C 100˚C 110˚C 120˚C
ratio 0.992 1.046 1.079 1.089 1.082 1.061 1.035 1 0.962 0.918 0.874 0.829 0.783 0.741 0.697 0.654 0.609
0.0
0.2
0.4
0.6
0.8
1.0
1.2
WCS2200 Sensitivity standardization of 30˚C (3.3V) V.S Temperature



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com