Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WCS2200 Datasheet (PDF) - DIWELL Electronics Co., Ltd.

WCS2200 Datasheet PDF - DIWELL Electronics Co., Ltd.
Part # WCS2200
Download  WCS2200 Download
File Size   466.44 Kbytes
Page   5 Pages
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.
Description Linear Current Sensor with differential outputs

WCS2200 Datasheet (PDF)

Go To PDF Page Download Datasheet
WCS2200 Datasheet PDF - DIWELL Electronics Co., Ltd.

Part # WCS2200
Download  WCS2200 Click to download

File Size   466.44 Kbytes
Page   5 Pages
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.
Description Linear Current Sensor with differential outputs

WCS2200 Datasheet (HTML) - DIWELL Electronics Co., Ltd.


WCS2200 Product details

Features:
 14X10mm2current conductor through hole
 Output voltage proportional to AC and DC current
 Wide sensing current range 0~20 A at 5V volt
 High sensitive differential ouputs
Single Ended, Sensitivity: 80mV/A
Differential output, Sensitivity: 160mV/A
 Wide operating voltage range 3.0~12 V
 Low operating current 3mA
 Isolation voltage 4000V
 Ratiometric output from supply voltage
 23K Hz Bandwidth
 Two bronze sticks for easy soldering on PCB




Similar Part No. - WCS2200

ManufacturerPart #DatasheetDescription
logo
Winson Semiconductor Co...
WCS2200 WINSON-WCS2200_17 Datasheet
867Kb / 6P
Linear Current Sensor with differential outputs
More results


Similar Description - WCS2200

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3050 LINER-LT3050_10 Datasheet
400Kb / 26P
100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
LT3050 LINER-LT3050_15 Datasheet
405Kb / 26P
100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
logo
Winson Semiconductor Co...
WCS2200 WINSON-WCS2200_17 Datasheet
867Kb / 6P
Linear Current Sensor with differential outputs
logo
VACUUMSCHMELZE GmbH & C...
T60404-N4641-X901 VACUUMSCHMELZE-T60404-N4641-X901 Datasheet
1Mb / 7P
Differential Current Sensor for IC-CPD
logo
Analog Devices
ADA4570 AD-ADA4570 Datasheet
1Mb / 14P
Integrated AMR Angle Sensor and Signal Conditioner with Differential Outputs
7/2021-Revision 0
logo
Major-Power Technology ...
MA7950 MPOWER-MA7950 Datasheet
104Kb / 2P
Dual Outputs Linear Hall Effect Sensor
Rev.0.3
MA7951 MPOWER-MA7951 Datasheet
118Kb / 2P
Four Outputs Linear Hall Effect Sensor
Rev.0.1
MA7952 MPOWER-MA7952 Datasheet
104Kb / 2P
Dual Outputs Linear Hall Effect Sensor
Rev.0.2
MA7953 MPOWER-MA7953 Datasheet
119Kb / 2P
Dual Outputs Linear Hall Effect Sensor
Rev.0.1
MA7954 MPOWER-MA7954 Datasheet
104Kb / 2P
Dual Outputs Linear Hall Effect Sensor
Rev.0.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com