Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WCS37A50 Datasheet(PDF) 2 Page - DIWELL Electronics Co., Ltd.

Part # WCS37A50
Description  Hall Effect Base Linear Current Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

WCS37A50 Datasheet(HTML) 2 Page - DIWELL Electronics Co., Ltd.

  WCS37A50 Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. WCS37A50 Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. WCS37A50 Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. WCS37A50 Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. WCS37A50 Datasheet HTML 5Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
WCS37A50
Winson reserves the right to make changes to improve reliability or manufacturability.
© Winson, 2019/5/13
Page 2
ABSOLUTE MAXIMUM RATING
Supply Voltage, Vdd --------------------
14V
Pass Current, IP -------------------------
0.5A
Output Current Sink --------------------
0.4mA
Output Current Source
----------------
2mA
Conductor Isolation Voltage
---------
1000V
Operating Temperature Range Ta ---
-20℃~+125℃
Storage Temperature Range Ts ------
-65℃~+150℃
Power Dissipation Pd ------------------
1W
Function Block:



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com