Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WCS37A50 Datasheet(PDF) 3 Page - DIWELL Electronics Co., Ltd.

Part # WCS37A50
Description  Hall Effect Base Linear Current Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

WCS37A50 Datasheet(HTML) 3 Page - DIWELL Electronics Co., Ltd.

  WCS37A50 Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. WCS37A50 Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. WCS37A50 Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. WCS37A50 Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. WCS37A50 Datasheet HTML 5Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
WCS37A50
Winson reserves the right to make changes to improve reliability or manufacturability.
© Winson, 2019/5/13
Page 3
Electrical Characteristics:
(T=+25˚C, Vdd=5.0V )
Characteristic
Symbol
Test Conditions
Min Typ Max Units
Supply Voltage
Vdd
─
3.0
─
12
V
Supply Current
Isupply
IP = 0 A
─
3.5
6.0
mA
Zero Current Vout
V0G
IP = 0 A
2.3
2.5
2.7
V
Primary Conductor Resistance
Rprimary
IP = 0.12 A
─
1.5
─
Ω
Sensitivity
△ Vout
IP = 0.2 A
3.0
3.5
4.0
V/A
Bandwidth
BW
─
-
10
-
kHz
Measurable Current Range
MCR
Vdd=5V (DC Mode)
-
±0.5
-
A
Vdd=5V (AC RMS )
-
0.35
-
Temperature Drift
△ Vout
IP = 0 A
-
±0.5
-
mV/℃
Output Noise
VNp-p
IP = 0 A
—
7.5
—
mV
VNp-p(0.01uF) IP = 0 A, C = 0.01uF
—
1
—
1. All output-voltage measurements are made with a voltmeter having an input impedance
of at least 100kΩ
2. Do not apply any
‘resistor load’ on output pin, it will degrade IC’s performance.
Characteristic Diagrams:



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com