Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

225EDLC-R Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 225EDLC-R
Description  Ruggedized Electrical Double Layer Energy Storage Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

225EDLC-R Datasheet(HTML) 4 Page - Vishay Siliconix

  225EDLC-R Datasheet HTML 1Page - Vishay Siliconix 225EDLC-R Datasheet HTML 2Page - Vishay Siliconix 225EDLC-R Datasheet HTML 3Page - Vishay Siliconix 225EDLC-R Datasheet HTML 4Page - Vishay Siliconix 225EDLC-R Datasheet HTML 5Page - Vishay Siliconix 225EDLC-R Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
225 EDLC-R ENYCAP™
www.vishay.com
Vishay BCcomponents
Revision: 06-Apr-2022
4
Document Number: 28449
For technical questions, contact: energystorage@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Table 4
Notes
• General remark: temperatures to be measured at capacitor case
(1) Conditions: electrical measurements at 20 °C, unless otherwise specified
(2) Rated capacitance CR and ESRDC
RUGGEDIZED FOR HIGH HUMIDITY - BIASED HUMIDITY TESTING
PARAMETER
PROCEDURE (AT RATED VOLTAGE)
REQUIREMENTS
Humidity (relative)
85 %
After loading the capacitor for the specified time at maximum
category temperature Tmax. = 85 °C and 85 % relative humidity,
and derated permissible maximum operating voltage U = 2.3 V,
following parameters are valid within a timeframe of 1000 h:
No visible damage
No leakage of electrolyte
ΔC/C: within ± 30 % of minimum initial specified value
ESR: less than 3 x initial specified value
Leakage: less than initial specified value
Temperature
85 °C
TEST PROCEDURES AND REQUIREMENTS (1)
NAME OF TEST
PROCEDURE
(quick reference)
Capacitance CR and ESRDC
Measured by DC discharging method as described in “Measuring of Characteristics”. (2)
Maximum peak current
Non-repetitive current for maximum 1 s at specified operating temperature.
Maximum operating voltage (refer to derating table) must not be exceeded.
Usually to be tested with constant current discharge from UR to 0.5 x UR.
Maximum current should not be used in normal operation and is only provided as reference value.
Leakage current IL
Measured at UR. Capacitor is charged to the rated voltage at 20 °C. Leakage current is the current at specified
time that is required to keep the capacitor charged at the rated voltage.
Endurance
After loading the capacitor for specified time at maximum category temperature Tmax. = 85 °C and derated
permissible maximum operating voltage U = 2.3 V, following parameters are valid within a timeframe of
1000 h:
Capacitance
Within ± 30 % of minimum initial specified value
ESR
Less than 3 x initial specified value
Leakage
Within specified value
Useful life
After loading the capacitor for specified time at maximum category temperature Tmax. = 85 °C and derated
permissible maximum operating voltage U = 2.3 V, following parameters are valid within a timeframe of
2000 h:
Capacitance
Within ± 50 % of minimum initial specified value
ESR
Less than 4 x initial specified value
Leakage
Within specified value
Storage at upper
category temperature
After loading the capacitor of specified time at maximum category temperature Tmax. = 85 °C and without
charge and under 40 % RH, following parameters are valid within a timeframe of 1000 h:
Capacitance
Within ± 30 % of minimum initial specified value
ESR
Less than 3 x initial specified value
Leakage
Within specified value
Shelf life
Stored uncharged at 20 °C.
Parameter within initial specification
Cycle life
Cycles at 20 °C between rated voltage and half of rated voltage UR with constant current and 1 s rest between
charge and discharge: > 500 000 cycles
Capacitance
Within ± 30 % of minimum initial specified value
ESR
Less than 3 x initial specified value
Stored energy E,
specific energy Ed and Ev
E [Wh] = ½ x C x (UR)2 x 1/3600
Ed [Wh/kg] = ½ x C x (UR)2 x 1/3600 x 1/mass
Ev [Wh/L] = ½ x C x (UR)2 x 1/3600 x 1/volume
Soldering
Hand or wave soldering allowed. For details refer to soldering requirements for radial aluminum electrolytic
capacitors in supplementary document.
Cleaning
For printed circuit board cleaning apply non-aggressive cleaning agents only.
For details refer to cleaning requirements for aluminum electrolytic capacitors in supplementary document.
Environmental conditions
Do not expose capacitors to
• temperatures outside specified range
• high humidity atmospheres; except series 225 which is ruggedized for high humidity 85 °C and 85 % RH
• corrosive atmospheres, e.g. halogenides, sulphurous or nitrous gases, acid or alkaline solutions, etc.
• environments containing oil and grease



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com