Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

225EDLC-R Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 225EDLC-R
Description  Ruggedized Electrical Double Layer Energy Storage Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

225EDLC-R Datasheet(HTML) 5 Page - Vishay Siliconix

  225EDLC-R Datasheet HTML 1Page - Vishay Siliconix 225EDLC-R Datasheet HTML 2Page - Vishay Siliconix 225EDLC-R Datasheet HTML 3Page - Vishay Siliconix 225EDLC-R Datasheet HTML 4Page - Vishay Siliconix 225EDLC-R Datasheet HTML 5Page - Vishay Siliconix 225EDLC-R Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
225 EDLC-R ENYCAP™
www.vishay.com
Vishay BCcomponents
Revision: 06-Apr-2022
5
Document Number: 28449
For technical questions, contact: energystorage@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MEASURING OF CHARACTERISTICS
CAPACITANCE (C)
Capacitance shall be measured by constant current
discharge method.
- Constant current charge with 10 mA/F to UR
- Constant voltage charge at UR
- Constant current discharge with 10 mA/F to 0.1 V
Fig. 4 - Voltage Diagram for Capacitance Measurement
Capacitance value CR is given by discharge current ID, time
t and rated voltage UR, according to the following equation:
EQUIVALENT SERIES RESISTANCE (ESRDC)
- Constant current charge to UR
- Constant voltage charge at UR
- Constant current discharge to 0.1 V
Statements about product lifetime are based on calculations and internal testing. They should only be interpreted as estimations. Also due to external factors, the
lifetime in the field application may deviate from the calculated lifetime. In general, nothing stated herein shall be construed as a guarantee of durability.
CR
Rated capacitance, in F
UR
Rated voltage, in V
U1
Starting voltage, 0.8 x UR in V
U2
Ending voltage, 0.4 x UR in V
ΔU3
Voltage drop at internal resistance, in V
t1
Time from start of discharge until voltage U1 is
reached, in s
t2
Time from start of discharge until voltage U2 is
reached, in s
ID
Absolute value of discharge current, in A
UR
U1
U2
t1
t2
ΔU3
(s)
30 min
C
R
F
[]
I
D
A
[] x t
2
s
[] - t
1
s
[]
()
U
1
V
[] - U
2
V
[]
---------------------------------------------------------------
=
ESRDC
Equivalent series resistance, in
Ω
ΔUR
Voltage drop at internal resistance, in V
ID
Absolute value of discharge current, in A
ESR
DC
Ω
[]
ΔU
3
V
[]
I
D
A
[]
---------------------
=



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com