Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMS310 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PMS310
Description  Surface Mount Glass Passivated Bridge Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PMS310 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PMS310 Datasheet HTML 1Page - Pan Jit International Inc. PMS310 Datasheet HTML 2Page - Pan Jit International Inc. PMS310 Datasheet HTML 3Page - Pan Jit International Inc. PMS310 Datasheet HTML 4Page - Pan Jit International Inc. PMS310 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PMS310
August 2,2022
PMS310-REV.00
Page 1
Surface Mount Glass Passivated Bridge Rectifier
M4
Voltage
1000 V
Current
3A
Features
 Glass passivated chip junction
 Ideally suited for automatic assembly
 Save space on printed circuit boards
 Ultra thin profile package for space constrained utilization
 Lead free in compliance with EU RoHS 2.0
 Halogen-free according to IEC 61249 standard
Mechanical Data
 Case : M4 Package
 Terminals : Solderable per MIL-STD-750, Method 2026
 Approx. Weight : 0.29 grams
Application
 QC/PD Charger
 General Console power
 NB Adapter
 Monitor Power
 Smart Speaker Power
 Slim Adapter
Key Parameters
Parameter
Value
VRRM
1000V
IF(AV)
3A
IFSM
110A
IR
5uA
Package
M4


Similar Part No. - PMS310

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PMS ETC-PMS Datasheet
556Kb / 1P
POWER METERING PRECISION SHUNT RESISTORS
logo
Schurter Inc.
PMS SCHURTER-PMS Datasheet
275Kb / 3P
Push button for PCB mounting
logo
M-System Co.,Ltd.
PMS MSYSTEM-PMS Datasheet
104Kb / 3P
Plug-in Signal Conditioners M-UNIT
logo
Schurter Inc.
PMS SCHURTER-PMS Datasheet
328Kb / 4P
Push button for PCB mounting
04.01.2022
logo
M-System Co.,Ltd.
PMS--B MSYSTEM-PMS--B Datasheet
104Kb / 3P
Plug-in Signal Conditioners M-UNIT
More results

Similar Description - PMS310

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
DF005S ZOWIE-DF005S Datasheet
48Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Gaomi Xinghe Electronic...
ABS1 GXELECTRONICS-ABS1 Datasheet
317Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
B1S GXELECTRONICS-B1S Datasheet
316Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Jinan Jing Heng Electro...
ABS202 JINGHENG-ABS202 Datasheet
46Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DB101S JINGHENG-DB101S Datasheet
62Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB1S JINGHENG-MB1S Datasheet
51Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB10S JINGHENG-MB10S Datasheet
51Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Jinan Jingheng (Group) ...
B1S JINANJINGHENG-B1S_17 Datasheet
51Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Pan Jit International I...
ABS2MS PANJIT-ABS2MS Datasheet
512Kb / 5P
Surface Mount Glass Passivated Bridge Rectifier
REV.02 July 05,2021
PMS410 PANJIT-PMS410 Datasheet
240Kb / 5P
Surface Mount Glass Passivated Bridge Rectifier
REV.00
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com