Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMS310 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PMS310
Description  Surface Mount Glass Passivated Bridge Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PMS310 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PMS310 Datasheet HTML 1Page - Pan Jit International Inc. PMS310 Datasheet HTML 2Page - Pan Jit International Inc. PMS310 Datasheet HTML 3Page - Pan Jit International Inc. PMS310 Datasheet HTML 4Page - Pan Jit International Inc. PMS310 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PMS310
August 2,2022
PMS310-REV.00
Page 2
Maximum Ratings and Thermal Characteristics (TA = 25
o
C unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
1000
V
Maximum RMS Voltage
VRMS
700
V
Maximum DC Blocking Voltage
VDC
1000
V
Maximum Average Forward Current
IF(AV)
3
A
Peak Forward Surge Current : 8.3 ms
Single Half Sine-Wave Superimposed
On Rated Load
@ TA = 25 °C
IFSM
110
A
@ TA = 125 °C
80
Peak Forward Surge Current : 1.0 ms
Single Half Sine-Wave Superimposed
On Rated Load
@ TA = 25 °C
IFSM
200
A
@ TA = 125 °C
150
I 2 t rating for fusing ( t = 8.3ms)
I 2 t
50.2
A2S
Typical Junction Capacitance
Measured at 1 MHZ And Applied VR = 4 V
CJ
40
pF
Typical Thermal Resistance
(Note 1)
RΘjA
30
oC/W
RθJL
10
RθJc
12
Operating Junction Temperature Range
TJ
-55~150
oC
Storage Temperature Range
TSTG
-55~150
oC
Electrical Characteristics (TA = 25
o
C unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNITS
Forward Voltage
VF
IF = 1.5 A, TJ = 25 oC
-
-
1.05
V
Reverse Current
IR
VR = 1000 V, TJ = 25 oC
-
-
5
uA
VR = 1000 V,TJ= 125 oC
-
-
100
NOTES :
1.
Mounted on a FR4,100x100x1.6mm ,2oz copper pad area.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com