Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-232TTLMOS Datasheet(PDF) 3 Page - Coolgear Inc.

Part # USB-232TTLMOS
Description  USB to RS232 TTL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOLGEAR [Coolgear Inc.]
Direct Link  https://www.coolgear.com/
Logo COOLGEAR - Coolgear Inc.

USB-232TTLMOS Datasheet(HTML) 3 Page - Coolgear Inc.

  USB-232TTLMOS Datasheet HTML 1Page - Coolgear Inc. USB-232TTLMOS Datasheet HTML 2Page - Coolgear Inc. USB-232TTLMOS Datasheet HTML 3Page - Coolgear Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TECHNICAL DATA SHEET
3
CoolGear, Inc.
5120 110th Ave N
Clearwater, FL 33760
P: +1-727-209-1300
F: +1-727-209-1302
www.coolgear.com
USB-232TTLMOS
product page
https://www.coolgear.com/product/usb-to-rs232-ttl-cmos-adapter-cable-with-terminal-block
Note: +2.5V or +1.8V DC Power Input Required on the 5-pin Terminal Blocks in case of Supporting 2.5V or 1.8V Logic Levels.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com