Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-232TTLMOS Datasheet(PDF) 1 Page - Coolgear Inc.

Part # USB-232TTLMOS
Description  USB to RS232 TTL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOLGEAR [Coolgear Inc.]
Direct Link  https://www.coolgear.com/
Logo COOLGEAR - Coolgear Inc.

USB-232TTLMOS Datasheet(HTML) 1 Page - Coolgear Inc.

  USB-232TTLMOS Datasheet HTML 1Page - Coolgear Inc. USB-232TTLMOS Datasheet HTML 2Page - Coolgear Inc. USB-232TTLMOS Datasheet HTML 3Page - Coolgear Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CoolGear, Inc.
5120 110th Ave N
Clearwater, FL 33760
P: +1-727-209-1300
F: +1-727-209-1302
www.coolgear.com
The USB-232TTLMOS USB to RS232 TTL/CMOS Adapter Cable w/ 5-pin Terminal Blocks is an intelligent
expansion cable that connects to a PC or server via the Universal Serial Bus (USB), providing high-speed serial
connectivity. The serial port is fully compatible with RS232 serial standard but with TTL/CMOS logic level
instead. There are 2 models available, one is non-isolated and the other is isolated version. With the selectable
logic level voltage, it is an ideal and instant solution for most critical applications.
Features
Product Information
•
TAA Compliant.
•
Provides 1 TTL/CMOS RS232 Serial Port over USB Port.
•
Supports 3-Signal TTL/CMOS RS232 Conversion: (TXD,
RXD, GND).
•
Supports a 5-pin Terminal Blocks for TTL/COMS Signal
Wiring.
•
5V/3.3V/2.5V/1.8V Logic Level Selectable by DIP
Switch.
•
Signal Levels are Similar to Standard RS232 but in
TTL/CMOS Swing Level.
•
Supports Serial Speed from 300bps to 921.6Kbps.
•
Supports 7, 8 Data Bits.
•
Odd, Even, Mark, Space, None parity mode.
•
Model Number: USB-232TTLMOS
•
Packing List:
o
USB to RS232 TTL | CMOS Adapter
o
Driver Disk
•
Optional Accessories: N/A
Technical Data Sheet
USB to RS232 TTL | CMOS Adapter Cable with
Terminal Block
Model Number: USB-232TTLMOS


Similar Part No. - USB-232TTLMOS

ManufacturerPart #DatasheetDescription
logo
Coolgear Inc.
USB-232TTLMOS-IS COOLGEAR-USB-232TTLMOS-IS Datasheet
125Kb / 3P
USB to RS232 Isolated TTL
More results

Similar Description - USB-232TTLMOS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USBRS232 ETC-USBRS232 Datasheet
22Kb / 1P
USB TO RS232
logo
Future Technology Devic...
EVAL232R FTDI-EVAL232R Datasheet
613Kb / 18P
FT232RL USB to RS232 Evaluation Module
UT232R-500 FTDI-UT232R-500 Datasheet
495Kb / 24P
USB to RS232 Adapter cable
logo
STMicroelectronics
STEVAL-PCC015V1 STMICROELECTRONICS-STEVAL-PCC015V1 Datasheet
222Kb / 4P
Full speed USB to RS232 bridge
20-Feb-2012
logo
PHOENIX CONTACT
2814388 PHOENIX-2814388 Datasheet
73Kb / 2P
MCR-TTL-RS232-E
logo
List of Unclassifed Man...
RDM630 ETC2-RDM630 Datasheet
143Kb / 4P
TTL interface RS232 data format
logo
Prolific Technology Inc...
PL2303GT PROLIFIC-PL2303GT Datasheet
115Kb / 1P
USB to RS232 Bridge Controller
logo
Advantech Co., Ltd.
TTL5USB9M ADVANTECH-TTL5USB9M Datasheet
408Kb / 2P
USB to TTL Miniature Converters
logo
Coolgear Inc.
USB-232TTLMOS-IS COOLGEAR-USB-232TTLMOS-IS Datasheet
125Kb / 3P
USB to RS232 Isolated TTL
logo
Advantech Co., Ltd.
BB-TTL3USB9M ADVANTECH-BB-TTL3USB9M Datasheet
349Kb / 2P
USB to TTL Miniature Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com