Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-8COM Datasheet(PDF) 1 Page - Coolgear Inc.

Part # USB-8COM
Description  8-Port RS-232 USB to Serial Adapter Data Control Box
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOLGEAR [Coolgear Inc.]
Direct Link  https://www.coolgear.com/
Logo COOLGEAR - Coolgear Inc.

USB-8COM Datasheet(HTML) 1 Page - Coolgear Inc.

  USB-8COM Datasheet HTML 1Page - Coolgear Inc. USB-8COM Datasheet HTML 2Page - Coolgear Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CoolGear, Inc.
5120 110th Ave N
Clearwater, FL 33760
P: +1-727-209-1300
F: +1-727-209-1302
www.coolgear.com
The USB-8COM USB Serial Adapter provides instant connectivity to RS-232 communication device for factory
automation equipment, multi-drop data collection devices, barcode readers, time clocks, scales, data entry
terminal and serial communication in harsh environment. The USB-8COM USB Serial Adapter Data Control Box
is designed to make serial port expansion quick and simple.
Features
Product Information
•
TAA Compliant.
•
Rugged ABS plastic housing.
•
Full RS-232 modem control signals and hardware.
•
Software flow control: RTS/CTS, XON/XOFF.
•
Baud rate up to 921.6K bps.
•
128 byte transmit FIFO & 384 byte receive FIFO.
•
Non-standard baud rates supported
•
Serial port protected with surge protection of 10KV.
•
COM port number assigned can be changed to any
COM port number required.
•
Virtual COM port drivers provided for Windows 7,
Vista, 2003, XP, 2000.
•
Works with USB 1.1 & 2.0 host port.
•
Model Number: USB-8COM
•
Packing List:
o
USB to Serial 8 Port RS-232 Adapter
o
3ft. USB-A male to USB-B male cable
o
Driver Disk
•
Optional Accessories: N/A
Technical Data Sheet
8-Port RS-232 USB to Serial Adapter Data
Control Box
Model Number: USB-8COM


Similar Part No. - USB-8COM

ManufacturerPart #DatasheetDescription
logo
Coolgear Inc.
USB-8COMI-M COOLGEAR-USB-8COMI-M Datasheet
897Kb / 3P
Basic Measurements
8/6/2021
USB-8COMI-RM COOLGEAR-USB-8COMI-RM Datasheet
127Kb / 2P
8 Port USB to RS-232/422/485 Octal Adapter
More results

Similar Description - USB-8COM

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
ISC-4110U ORING-ISC-4110U Datasheet
803Kb / 4P
Industrial 1-port USB to 4/8-port RS-232 serial media converter
logo
IOGEAR
GUC232A IOGEAR-GUC232A Datasheet
134Kb / 2P
USB to Serial RS-232 Adapter
logo
Coolgear Inc.
USB-4COM COOLGEAR-USB-4COM Datasheet
121Kb / 2P
232 USB to Serial Adapter Data Control Box
USB2-4COM-SI-M COOLGEAR-USB2-4COM-SI-M Datasheet
64Kb / 1P
USB 2.0 to 4 Port RS-232 Serial Adapter Optical isolated
6/27/2016
USB-32COM-RM COOLGEAR-USB-32COM-RM Datasheet
98Kb / 1P
32 Port RS-232 USB-to-Serial Adapter
USB-8COMI-RM COOLGEAR-USB-8COMI-RM Datasheet
127Kb / 2P
8 Port USB to RS-232/422/485 Octal Adapter
USBG-232FT-1 COOLGEAR-USBG-232FT-1 Datasheet
133Kb / 2P
Dual Port RS-232 USB-to-Serial Plugin Adapter
XC-232-C COOLGEAR-XC-232-C Datasheet
130Kb / 2P
Dual Port USB to Serial RS-232 DB-9 Adapter Cable FTDI Chip
USB2-4COM-M-CBL COOLGEAR-USB2-4COM-M-CBL Datasheet
156Kb / 1P
4-Port RS-232 USB to Serial Adapter Octopus Cable DIN Rail
USB-COMI-PRO COOLGEAR-USB-COMI-PRO Datasheet
224Kb / 2P
1-Port USB to Serial Adapter (RS-232/422/485) , DIN-rail
10/13/2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com