Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-8COM Datasheet(PDF) 2 Page - Coolgear Inc.

Part # USB-8COM
Description  8-Port RS-232 USB to Serial Adapter Data Control Box
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOLGEAR [Coolgear Inc.]
Direct Link  https://www.coolgear.com/
Logo COOLGEAR - Coolgear Inc.

USB-8COM Datasheet(HTML) 2 Page - Coolgear Inc.

  USB-8COM Datasheet HTML 1Page - Coolgear Inc. USB-8COM Datasheet HTML 2Page - Coolgear Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
TECHNICAL DATA SHEET
CoolGear, Inc.
5120 110th Ave N
Clearwater, FL 33760
P: +1-727-209-1300
F: +1-727-209-1302
www.coolgear.com
Specifications
Overview
Interface
USB to Serial
Port Connections
8x DB-9 Male / 1USB Type-B Female
USB Speed
USB 1.0 / 1.1 compliant, USB 2.0 compatible
Protocol
RS-232
Baud Rate
up to 921.6K bps
Available Power Modes
USB Bus Powered, no external power adapter required
Color
Silver
Compliance
TAA
Physical Features
Construction
Rugged ABS Plastic
Cable Length
3ft.
Dimensions
5.43(L)x5.10(W)x1.56in(H)
Weight
.531 lbs
OS Support
XP, 2000, 2003, CE, Vista, Windows 7, 8, Windows 10, Linux and Mac OS 10.X
Current Certifications
CE, FCC, RoHS
Signals
RS-232 Data Signals
TxD, RxD, RTS, CTS, DTR, DSR, DCD, GND, RI
Serial COM Parameters
Parity
None, Even, Odd, Space, Mark
Flow Control
RTS/CTS, XON/XOFF
FIFO
128 byte transmit FIFO / 384 receive FIFO
Environment
Operating Temperature
0 to 55°C (32 to 131 °F)
Operating Humidity
5 to 95% RH
General Applications
Applications
Remote Access, Retail & Industrial Data Center, Modem, POS, Printer, BarCode Scanners, Time
Clocks – Industrial serial RS-232 protocol applications
Product URL
USB-8COM
product page
https://www.coolgear.com/product/8-port-rs-232-usb-to-serial-adapter-data-control-box



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com