Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-COM-M Datasheet(PDF) 2 Page - Coolgear Inc.

Part # USB-COM-M
Description  USB 2.0 to Serial High-Speed RS-232 Industrial Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOLGEAR [Coolgear Inc.]
Direct Link  https://www.coolgear.com/
Logo COOLGEAR - Coolgear Inc.

USB-COM-M Datasheet(HTML) 2 Page - Coolgear Inc.

  USB-COM-M Datasheet HTML 1Page - Coolgear Inc. USB-COM-M Datasheet HTML 2Page - Coolgear Inc. USB-COM-M Datasheet HTML 3Page - Coolgear Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
CoolGear, Inc.
5120 110th Ave N
Clearwater, FL 33760
P: +1-727-209-1300
F: +1-727-209-1302
www.coolgear.com
•
Works with USB 1.1 & 2.0 host port.
Specifications
Overview
Interface
USB to Serial
Port Connections
1x DB-9 Male / 1USB Type-B Female
USB Speed
USB 1.0 / 1.1 compliant, USB 2.0 compatible
Protocol
RS-232
FTDI Chip
FT231XQ-R
Baud Rate
up to 921.6K bps
Available Power Modes
USB Bus Powered, no external power adapter required
Color
Black
Compliance
TAA
Safety Approvals
EN55022 Class B, EN55024, EN61000-3-2, EN61000-3
IEC 61000-4-2, IEC 61000-4-3, IEC 61000-4-4, IEC 61000-4-5,
IEC 61000-4-6, IEC 61000-4-8, IEC 61000-4-11.
CISPR PUB. 22 and FCC Part 15 Class B.
Physical Features
Construction
SECC Metal
Cable Length
3ft.
Dimensions
82mm x 76mm x 23mm (with DIN rail bracket)
Weight
.293 lbs
OS Support
Windows 10, 8, 7, Vista, 2003, XP (WHQL certified) and 2000, 32 and 64 bit versions, Linux Kernel 2.4
and up
Current Certifications
CE, FCC, RoHS
Signals
RS-232 Data Signals
TxD, RxD, RTS, CTS, DTR, DSR, DCD, GND, RI
Serial COM Parameters
Data Bits
5, 6, 7, 8
Stop Bits
1, 1.5, 2
Parity
None, Even, Odd, Space, Mark
Flow Control
RTS/CTS, XON/XOFF
FIFO
512 byte transmit FIFO / 512 receive FIFO
Environment
Operating Temperature
0 to 55°C (32 to 131 °F)
Operating Humidity
5 to 95% RH
Storage Temperature
-20 to 75°C (-4 to 167 °F)
General Applications
Applications
Remote Access, Retail & Industrial Data Center, Modem, POS, Printer, BarCode Scanners, Time
Clocks – Industrial serial RS-232 protocol applications
Product URL
USB-COM-M
https://www.coolgear.com/product/usb-2-0-to-serial-high-speed-rs-232-industrial-adapter-metal-



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com