Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-COM-M Datasheet(PDF) 1 Page - Coolgear Inc.

Part # USB-COM-M
Description  USB 2.0 to Serial High-Speed RS-232 Industrial Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOLGEAR [Coolgear Inc.]
Direct Link  https://www.coolgear.com/
Logo COOLGEAR - Coolgear Inc.

USB-COM-M Datasheet(HTML) 1 Page - Coolgear Inc.

  USB-COM-M Datasheet HTML 1Page - Coolgear Inc. USB-COM-M Datasheet HTML 2Page - Coolgear Inc. USB-COM-M Datasheet HTML 3Page - Coolgear Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CoolGear, Inc.
5120 110th Ave N
Clearwater, FL 33760
P: +1-727-209-1300
F: +1-727-209-1302
www.coolgear.com
The USB-COM-M is an industrial USB 2.0 to Serial Adapter with a rugged industrial-grade metal chassis, which
allows it to be mounted, convert any host USB port into an RS-232 Serial port. This USB 2.0 to Serial Adapter
provides instant connectivity with modems, ISDN TAs, PDAs, handheld & pocket PCs, digital cameras, POS,
serial printers giving RS-232 modem control signals and hardware/software flow control.
Features
Product Information
•
TAA Compliant.
•
SECC metal chassis with DIN rail bracket.
•
Full RS-232 modem control signals and
hardware/software flow control.
•
High speed serial port with the baud rate up to 921.6K
bps.
•
Non-standard baud-rates supported.
•
LED’s of Power, TxD and RxD for easy port monitoring
and diagnostics.
•
Chipset: Utilizes an FTDI CHIPSET FT232BL.
•
COM port number assigned can be changed to any
COM port number required.
•
Virtual COM port drivers provided for Windows 7,
Vista, 2003, XP, 2000.
•
Model Number: USB-COM-M
•
Packing List:
o
USB to Serial RS-422/485 Optical Adapter
o
3ft. USB-A male to USB-B male cable
o
Driver Disk
•
Optional Accessories: N/A
Technical Data Sheet
USB 2.0 to Serial High-Speed RS-232 Industrial
Adapter
Model Number: USB-COM-M
Technical Data Sheet
USB 2.0 to Serial High-Speed RS-232 Industrial
Adapter
Model Number: USB-COM-M


Similar Part No. - USB-COM-M

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
USB-COM-2SM ADL-USB-COM-2SM Datasheet
640Kb / 4P
Enclosure and multifunction module
logo
Coolgear Inc.
USB-COM-I COOLGEAR-USB-COM-I Datasheet
127Kb / 2P
Single Port USB to RS422 / 485 adapter
USB-COM-SI-M COOLGEAR-USB-COM-SI-M Datasheet
141Kb / 2P
USB to Serial Surge and Optical Isolation converter RS-422/485
More results

Similar Description - USB-COM-M

ManufacturerPart #DatasheetDescription
logo
IOGEAR
GUC232A IOGEAR-GUC232A Datasheet
134Kb / 2P
USB to Serial RS-232 Adapter
logo
Coolgear Inc.
USB2-4COM-SI-M COOLGEAR-USB2-4COM-SI-M Datasheet
64Kb / 1P
USB 2.0 to 4 Port RS-232 Serial Adapter Optical isolated
6/27/2016
USB2-8COM-M COOLGEAR-USB2-8COM-M Datasheet
1Mb / 3P
USB USB 2.0 Serial high speed adapter box industrial
Rev 04.220329
USB-32COM-RM COOLGEAR-USB-32COM-RM Datasheet
98Kb / 1P
32 Port RS-232 USB-to-Serial Adapter
USB-8COM COOLGEAR-USB-8COM Datasheet
122Kb / 2P
8-Port RS-232 USB to Serial Adapter Data Control Box
USBG-232FT-1 COOLGEAR-USBG-232FT-1 Datasheet
133Kb / 2P
Dual Port RS-232 USB-to-Serial Plugin Adapter
USBG-232MINI COOLGEAR-USBG-232MINI Datasheet
128Kb / 2P
Mini USB to RS-232 Serial Adapter DB-9 Male Converter
USBG-COMI-M COOLGEAR-USBG-COMI-M Datasheet
1Mb / 3P
USB 2.0 to RS-232/422/485 Selectable Industrial Serial Adapter w/ 15kV ESD Surge Protection
Rev 04.220314
USB2-4COM-M-CBL COOLGEAR-USB2-4COM-M-CBL Datasheet
156Kb / 1P
4-Port RS-232 USB to Serial Adapter Octopus Cable DIN Rail
USB-COMI-PRO COOLGEAR-USB-COMI-PRO Datasheet
224Kb / 2P
1-Port USB to Serial Adapter (RS-232/422/485) , DIN-rail
10/13/2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com