Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBG-4NET Datasheet(PDF) 1 Page - Coolgear Inc.

Part # USBG-4NET
Description  USB 2.0 Over IP Network Industrial 4-Port HubTCP/IP Network
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOLGEAR [Coolgear Inc.]
Direct Link  https://www.coolgear.com/
Logo COOLGEAR - Coolgear Inc.

USBG-4NET Datasheet(HTML) 1 Page - Coolgear Inc.

  USBG-4NET Datasheet HTML 1Page - Coolgear Inc. USBG-4NET Datasheet HTML 2Page - Coolgear Inc. USBG-4NET Datasheet HTML 3Page - Coolgear Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Coolgear, Inc.
5120 110th Ave N
Clearwater, FL 33760 USA
P: +1-727-209-1300
F: +1-727-209-1302
www.coolgear.com
4-Port USB 2.0 to Gigabit Ethernet Adapter that is designed for a client PC to work with the remote USB devices over local a network
or Internet as if they were connected directly to your local PC. It provides the scalability to quickly adapt devices to new USB
technologies. Multiple modules can be added to Ethernet interface allowing you to add USB connectivity as needed. Complete
product line offer many choices help you to expand and make your network grow with your requirements.
Features
Product Information
IEEE 802.3 compliant 10/100/1000Mbps Ethernet Port
with full duplex operation
Fully compatible with USB 1.0 and USB 1.1; Forward
compatible with USB 2.0
Supports Screw Lock Mechanism for USB Connectors
Supports USB Bus Power
Compatible with bulk, interrupt and isochronous type
USB devices
Auto Sharing of New USB Devices
DC Jack for DC 7~24V Power Input
User-Friendly Web and PC GUI Interface
Model Number: USBG-4NET
Packing List:
o
Industrial 4-Port USB 2.0 Over IP Network Hub
o
Power Adapter and Cord
o
Paper Installation Guide
o
Driver Disk
Optional Accessories: Includes power adapter.
Technical Data Sheet
USB 2.0 Over IP Network Industrial 4-Port Hub –
TCP/IP Network
Model Number: USBG-4NET


Similar Part No. - USBG-4NET

ManufacturerPart #DatasheetDescription
logo
Coolgear Inc.
USBG-422MINI COOLGEAR-USBG-422MINI Datasheet
139Kb / 2P
Mini USB to Terminal RS422 RS485 FTDI Plug-in Adapter
USBG-4PMINIH COOLGEAR-USBG-4PMINIH Datasheet
448Kb / 2P
USB 3.0 4 Port Power Hub Super Speed Metal Case
Rev 01.200713
USBG-4PUSB2-MH COOLGEAR-USBG-4PUSB2-MH Datasheet
121Kb / 3P
4-Port USB 2.0 Mini Metal High-Speed Hub
USBG-4SU2MLA COOLGEAR-USBG-4SU2MLA Datasheet
117Kb / 3P
Metal 4-Port USB 2.0 Powered Hub for Industrial Use w/ Screw Lock
USBG-4U2ML COOLGEAR-USBG-4U2ML Datasheet
114Kb / 3P
Industrial 4-Port USB 2.0 Powered Hub for PC-MAC DIN-RAIL Mount
More results

Similar Description - USBG-4NET

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-7600A SII-S-7600A Datasheet
371Kb / 60P
Hardware Specification (TCP/IP Network Stack LSI)
logo
List of Unclassifed Man...
140NOE77101 ETC2-140NOE77101 Datasheet
74Kb / 3P
Ethernet network TCP/IP module
140NOE77111 ETC2-140NOE77111 Datasheet
74Kb / 3P
Ethernet network TCP/IP module
logo
Level One
FCS-1152 LVL1-FCS-1152_18 Datasheet
464Kb / 4P
Varifocal IP Network Camera
FCS-3085 LVL1-FCS-3085 Datasheet
656Kb / 5P
Varifocal Dome IP Network Camera
FCS-3065 LVL1-FCS-3065_18 Datasheet
492Kb / 4P
Fixed Dome IP Network Camera,
FCS-3064 LVL1-FCS-3064_18 Datasheet
810Kb / 5P
Varifocal Dome IP Network Camera
FCS-3086 LVL1-FCS-3086 Datasheet
689Kb / 5P
Fixed Dome IP Network Camera
FCS-3305 LVL1-FCS-3305 Datasheet
245Kb / 3P
Zoom Dome IP Network Camera
logo
Coolgear Inc.
USBNET-400I COOLGEAR-USBNET-400I Datasheet
128Kb / 3P
Industrial USB 2.0 Over IP Network 4-Port Hub – TCP/IP Network
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com