Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBG-4NET Datasheet(PDF) 2 Page - Coolgear Inc.

Part # USBG-4NET
Description  USB 2.0 Over IP Network Industrial 4-Port HubTCP/IP Network
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOLGEAR [Coolgear Inc.]
Direct Link  https://www.coolgear.com/
Logo COOLGEAR - Coolgear Inc.

USBG-4NET Datasheet(HTML) 2 Page - Coolgear Inc.

  USBG-4NET Datasheet HTML 1Page - Coolgear Inc. USBG-4NET Datasheet HTML 2Page - Coolgear Inc. USBG-4NET Datasheet HTML 3Page - Coolgear Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
CoolGear, Inc.
5120 110th Ave N
Clearwater, FL 33760 USA
P: +1-727-209-1300
F: +1-727-209-1302
www.coolgear.com
Specifications
OVERVIEW
Product Type
USB 2.0 Over IP Network Hub (TCP/IP) (Backward compatible with USB 1.1/1.0)
Electrical Protections
N/A
Mountable
Surface Mounting
Construction
Metal
Applications
Data Centers, Peripheral Equipment, Kiosk, Office Networks, and others
Certs / Compatibility
RoHS, CE, FCC, WEEE
CONNECTIONS
Type-A Downstream Ports
4 (Screw lock Compatible)
Type-B Upstream Ports
1 (Screw lock Compatible)
7 – 24V Input Power
2-pin terminal block
AVAILABLE POWER MODES
Mode 1
Bus
Mode 2
Self power source (+7~24VDC from 2-pin Terminal Blocks)
ENVIRONMENTAL
Operating Temperature
0 to 55°C (32 TO 131°F)
Operating Humidity
5 to 95% RH
Storage Temperature
-20°C to 85°C (-4 TO 185°F)
DIMENSIONS
Length
6.008” (7.014” with ears)
Width
2.37”
Height
1.028”
OS SUPPORT
Windows
Windows XP, Vista, Windows 7
Other
N/A
LED
Power
1
Downstream Ports
1 per port
WARRANTY
Warranty Period
1 year from date of purchase
PRODUCT URL
USBG-4NET Product Page
https://www.coolgear.com/product/usb-2-0-over-ip-network-4-port-hub-share-any-usb-device-
over-tcpip-networkmount



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com