Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXT7410 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CXT7410
Description  SURFACE MOUNT COMPLEMENTARY SILICON LOW VCE(SAT) TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CXT7410 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CXT7410 Datasheet HTML 1Page - Central Semiconductor Corp CXT7410 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
40
V
Collector-Emitter Voltage
VCEO
25
V
Emitter-Base Voltage
VEBO
6.0
V
Collector Current
IC
1.0
A
Collector Current (Peak)
ICM
1.5
A
Power Dissipation
PD
1.2
W
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
104
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
CXT3410
CXT7410
SYMBOL
TEST CONDITIONS
MIN
TYP
TYP
MAX
UNITS
ICBO
VCB=40V
100
nA
IEBO
VEB=6.0V
100
nA
BVCBO
IC=100µA
40
V
BVCEO
IC=10mA
25
V
BVEBO
IE=100µA
6.0
V
VCE(SAT)
IC=50mA, IB=5.0mA
20
25
50
mV
VCE(SAT)
IC=100mA, IB=10mA
35
40
75
mV
VCE(SAT)
IC=200mA, IB=20mA
75
80
150
mV
VCE(SAT)
IC=500mA, IB=50mA
130
150
250
mV
VCE(SAT)
IC=800mA, IB=80mA
200
220
400
mV
VCE(SAT)
IC=1.0A, IB=100mA
250
275
450
mV
CXT3410 NPN
CXT7410 PNP
SURFACE MOUNT
COMPLEMENTARY SILICON
LOW VCE(SAT) TRANSISTORS
SOT-89 CASE
Central
Semiconductor Corp.
TM
R0 (24- January 2006)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CXT3410 and
CXT7410 are Low VCE(SAT) NPN and PNP silicon
transistors packaged in the SOT-89 case. High
collector current coupled with a low saturation voltage
make this an ideal choice for industrial/consumer
applications where operational efficiency and size are
high priority.
MARKING CODES:
CXT3410:
FULL PART NUMBER
CXT7410:
FULL PART NUMBER
FEATURES:
• Low Saturation Voltage
VCE(SAT) = 275mV (typ.) @ IC = 1.0A
• High Current (1.0A Max)
• Low Voltage (40V Max)
• SOT-89 Surface Mount Package
APPLICATIONS:
• Power Management and DC/DC Converters
• Portable and Battery Powered Products
• Cellular and Cordless Phones
• PDAs, Computers, Digital Cameras
• Disk and Tape Drives


Similar Part No. - CXT7410

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CXT7410 CENTRAL-CXT7410 Datasheet
292Kb / 2P
SURFACE MOUNT COMPLEMENTARY LOW VCE(SAT) SILICON TRANSISTORS
CXT7410 CENTRAL-CXT7410 Datasheet
292Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
More results

Similar Description - CXT7410

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMST3410 CENTRAL-CMST3410 Datasheet
86Kb / 2P
SURFACE MOUNT SUPERmini COMPLEMENTARY SILICON LOW VCE(SAT) TRANSISTORS
CMUT3410 CENTRAL-CMUT3410 Datasheet
87Kb / 2P
SURFACE MOUNT ULTRAmini COMPLEMENTARY LOW VCE(SAT) SILICON TRANSISTORS
CTLT3410-M521 CENTRAL-CTLT3410-M521 Datasheet
167Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON LOW VCE (SAT) TRANSISTORS
CMLT3410 CENTRAL-CMLT3410_10 Datasheet
513Kb / 2P
SURFACE MOUNT DUAL LOW VCE(SAT) SILICON TRANSISTORS
CMST3410 CENTRAL-CMST3410_10 Datasheet
407Kb / 2P
SURFACE MOUNT COMPLEMENTARY LOW VCE(SAT) SILICON TRANSISTORS
CMUT3410 CENTRAL-CMUT3410_10 Datasheet
348Kb / 2P
SURFACE MOUNT COMPLEMENTARY LOW VCE(SAT) SILICON TRANSISTORS
CTLT3410-M621 CENTRAL-CTLT3410-M621 Datasheet
659Kb / 2P
SURFACE MOUNT COMPLEMENTARY LOW VCE(SAT) SILICON TRANSISTORS
CXT3410 CENTRAL-CXT3410_10 Datasheet
292Kb / 2P
SURFACE MOUNT COMPLEMENTARY LOW VCE(SAT) SILICON TRANSISTORS
CMST3410 CENTRAL-CMST3410_11 Datasheet
407Kb / 2P
SURFACE MOUNT COMPLEMENTARY LOW VCE(SAT) SILICON TRANSISTORS
CMUT3410 CENTRAL-CMUT3410_12 Datasheet
347Kb / 2P
SURFACE MOUNT COMPLEMENTARY LOW VCE(SAT) SILICON TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com