Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXT7410 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CXT7410
Description  SURFACE MOUNT COMPLEMENTARY SILICON LOW VCE(SAT) TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CXT7410 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CXT7410 Datasheet HTML 1Page - Central Semiconductor Corp CXT7410 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Central
Semiconductor Corp.
TM
CXT3410 NPN
CXT7410 PNP
SURFACE MOUNT
COMPLEMENTARY SILICON
LOW VCE(SAT) TRANSISTORS
R0 (24- January 2006)
LEAD CODE:
1) EMITTER
2) COLLECTOR
3) BASE
SOT-89 CASE - MECHANICAL OUTLINE
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted) Continued.
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
VBE(SAT)
IC=800mA, IB=80mA
1.1
V
VBE(ON)
VCE=1.0V, IC=10mA
0.9
V
hFE
VCE=1.0V, IC=10mA
100
hFE
VCE=1.0V, IC=100mA
100
300
hFE
VCE=1.0V, IC=500mA
100
hFE
VCE=1.0V, IC=1.0A
50
fT
VCE=10V, IC=50mA, f=100MHz
100
MHz
Cob
VCB=10V, IE=0, f=1.0MHz (CXT3410)
10
pF
Cob
VCB=10V, IE=0, f=1.0MHz (CXT7410)
15
pF



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com