Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGD2113 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DGD2113
Description  HIGH-SIDE AND LOW-SIDE GATE DRIVERS IN SO-16
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD2113 Datasheet(HTML) 4 Page - Diodes Incorporated

  DGD2113 Datasheet HTML 1Page - Diodes Incorporated DGD2113 Datasheet HTML 2Page - Diodes Incorporated DGD2113 Datasheet HTML 3Page - Diodes Incorporated DGD2113 Datasheet HTML 4Page - Diodes Incorporated DGD2113 Datasheet HTML 5Page - Diodes Incorporated DGD2113 Datasheet HTML 6Page - Diodes Incorporated DGD2113 Datasheet HTML 7Page - Diodes Incorporated DGD2113 Datasheet HTML 8Page - Diodes Incorporated DGD2113 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
DGD2110/2113
DC Electrical Characteristics (VBIAS (VCC, VBS, VDD) = 15V, VSS= COM, @TA = +25°C unless otherwise specified.) (Note 8)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Logic “1” Input Voltage (Note 9)
VIH
9.5
—
—
V
—
Logic “0” Input Voltage (Note 9)
VIL
—
–
6.0
V
—
High Level Output Voltage, VBIAS - VO
VOH
—
–
1.4
V
IO = 0mA
Low Level Output Voltage, VO
VOL
—
–
0.15
V
IO = 20mA
Offset Supply Leakage Current
ILK
—
–
50
µA
VB = VS = 500V/600V
Quiescent VBS Supply Current
IBSQ
—
55
230
µA
VIN = 0V or VDD
Quiescent VCC Supply Current
ICCQ
—
56
340
µA
VIN = 0V or VDD
Quiescent VDD Supply Current
IDDQ
—
0.6
30
µA
VIN = 0V or VDD
Logic “1” Input Bias Current
IIN+
—
20
40
µA
VIN = VDD
Logic “0” Input Bias Current
IIN-
—
–
5.0
µA
VIN = 0V
VBS Supply Undervoltage Positive Going Threshold
VBSUV+
7.5
8.6
9.7
V
—
VBS Supply Undervoltage Negative Going Threshold
VBSUV-
7.0
8.2
9.4
V
—
VCC Supply Undervoltage Positive Going Threshold
VCCUV+
7.4
8.5
9.6
V
—
VCC Supply Undervoltage Negative Going Threshold
VCCUV-
7.0
8.2
9.4
V
—
Output High Short Circuit Pulsed Current
IO+
2.0
2.5
—
A
VO = 0V, VIN = VDD,
PW ≤ 10µs
Output Low Short Circuit Pulsed Current
IO-
2.0
2.5
—
A
VO = 15V, VIN = 0V,
PW ≤ 10µs
Note:
8. The VIN and IIN parameters are referenced to VSS and are applicable to all three logic input pins: HIN, LIN, and SD. The VO and IO parameters are
referenced to COM and are applicable to the respective output pins: HO and LO.
9. For optimal operation, it is recommended that the input pulses (HIN and LIN) should have a minimum amplitude of 9.5V (VDD = 15V) with a minimum
pulse width of 200ns.
AC Electrical Characteristics (VBIAS (VCC, VBS, VDD) = 15V, CL = 1000pF, VSS= COM, @TA = +25°C, unless otherwise specified.)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Turn-On Propagation Delay
tON
—
105
150
ns
VS = 0V
Turn-Off Propagation Delay
tOFF
—
94
125
ns
VS = 500V/600V
Shut Down Propagation Delay
tSD
—
70
140
ns
VS = 500V/600V
Turn-On Rise Time
tr
—
15
35
ns
—
Turn-Off Fall Time
tf
—
13
25
ns
—
Delay Matching
DGD2110
tDM
—
—
10
—
–
Delay Matching
DGD2113
tDM
—
—
20
—
–
DGD2110/2113
Document Number DS38271 Rev. 5 - 2
4 of 12
www.diodes.com
October 2019
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com