Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGD2113 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DGD2113
Description  HIGH-SIDE AND LOW-SIDE GATE DRIVERS IN SO-16
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD2113 Datasheet(HTML) 1 Page - Diodes Incorporated

  DGD2113 Datasheet HTML 1Page - Diodes Incorporated DGD2113 Datasheet HTML 2Page - Diodes Incorporated DGD2113 Datasheet HTML 3Page - Diodes Incorporated DGD2113 Datasheet HTML 4Page - Diodes Incorporated DGD2113 Datasheet HTML 5Page - Diodes Incorporated DGD2113 Datasheet HTML 6Page - Diodes Incorporated DGD2113 Datasheet HTML 7Page - Diodes Incorporated DGD2113 Datasheet HTML 8Page - Diodes Incorporated DGD2113 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DGD2110/2113
HIGH-SIDE AND LOW-SIDE GATE DRIVERS IN SO-16
Description
The DGD2110 and DGD2113 are high-voltage/high-speed MOSFET
and IGBT drivers with independent high-side and low-side outputs.
The high-side driver features floating supply for operation at up to
500V/600V. The 10ns (max)/20ns (max) propagation delay matching
between the high- and the low side drivers allows high-frequency
operation.
The DGD2110 and DGD2113 logic inputs are compatible with
standard CMOS levels (as low as 3.3V) while driver outputs feature
high-pulse current buffers designed for minimum driver cross
conduction.
The DGD2110 and DGD2113 are offered in a SO-16 package. They
operate over an extended -40°C to +125°C temperature range.
Applications
•
DC-DC Converters
•
DC-AC Inverters
•
AC-DC Power Supplies
•
Motor Controls
•
Class D Power Amplifiers
Features
•
Drives two N-Channel MOSFETs or IGBTs in High-Side/Low-
Side Configuration
•
Floating High-Side Operates to 600V
•
2.5A Sink/2.5A Source Typical Output Currents
•
Outputs Tolerant To Negative Transients
•
Wide Gate Driver Supply Voltage Range: 10V to 20V
•
Wide Logic Input Supply Voltage Range: 3.3V to 20V
•
Wide Logic Supply Offset Voltage Range: -5V to 5V
•
15ns (typ) Rise/13ns (typ) Fall Times with 1000pF load
•
105ns (typ) Turn-On/94ns (typ) Turn-Off Delay Times
•
Cycle-by-Cycle Edge-Triggered Shutdown Circuitry
•
Extended Temperature Range: -40°C to +125°C
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony free. “Green” Device (Note 3)
•
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Mechanical Data
•
Case: SO-16 (Type TH)
•
Case Material: Molded Plastic. “Green” Molding Compound.
•
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 3 per J-STD-020
•
Terminals: Finish—Matte Tin Plated Leads,
Solderable per MIL-STD-202, Method 208
•
Weight: 0.130 grams (Approximate)
Ordering Information (Note 4)
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
DGD2110S16-13
DGD2110
13
16
1500
DGD2113S16-13
DGD2113
13
16
1500
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
SO-16
Top View
Typical Configuration
DGD211x
YY WW
= Manufacturer’s Marking
DGD211x = Product Type Marking Code (See Table Above)
YY = Year (ex: 19 = 2019)
WW = Week (01 - 53)
DGD2110/2113
Document Number DS38271 Rev. 5 - 2
1 of 12
www.diodes.com
October 2019
© Diodes Incorporated


Similar Part No. - DGD2113

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD2113 DIODES-DGD2113 Datasheet
1Mb / 12P
HIGH-SIDE AND LOW-SIDE GATE DRIVERS IN SO-16 (TYPE TH)
Rev 4
More results

Similar Description - DGD2113

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD2106 DIODES-DGD2106 Datasheet
722Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev 3
DGD2181 DIODES-DGD2181 Datasheet
484Kb / 7P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev 1
DGD21904 DIODES-DGD21904 Datasheet
729Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-14
Rev 1
DGD2110 DIODES-DGD2110 Datasheet
1Mb / 12P
HIGH-SIDE AND LOW-SIDE GATE DRIVERS IN SO-16 (TYPE TH)
Rev 4
DGD2005 DIODES-DGD2005_V01 Datasheet
765Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev. 5 - 2 April 2021
DGD2101M DIODES-DGD2101M_V01 Datasheet
1Mb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev. 2 - 2 October 2019
DGD2106M DIODES-DGD2106M_V02 Datasheet
909Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev. 7 - 2 April 2021
DGD2181M DIODES-DGD2181M_V01 Datasheet
607Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev. 2 - 2 October 2019
DGD21814M DIODES-DGD21814M_V01 Datasheet
612Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-14
Rev. 2 - 2 October 2019
DGD21904M DIODES-DGD21904M Datasheet
693Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-14
Rev. 5 - 2 October 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com