Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

110PHT-ST Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 110PHT-ST
Description  Aluminum Electrolytic Capacitors, Power High Ripple for Traction, Screw Terminals
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

110PHT-ST Datasheet(HTML) 2 Page - Vishay Siliconix

  110PHT-ST Datasheet HTML 1Page - Vishay Siliconix 110PHT-ST Datasheet HTML 2Page - Vishay Siliconix 110PHT-ST Datasheet HTML 3Page - Vishay Siliconix 110PHT-ST Datasheet HTML 4Page - Vishay Siliconix 110PHT-ST Datasheet HTML 5Page - Vishay Siliconix 110PHT-ST Datasheet HTML 6Page - Vishay Siliconix 110PHT-ST Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
110 PHT-ST
www.vishay.com
Vishay BCcomponents
Revision: 03-Jun-2022
2
Document Number: 28411
For technical questions, contact: aluminumcaps2@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters AND AVAILABLE FORMS
Fig. 1A - High current M5 and M6-13 mm disc: Screw Terminal (ST) and Screw Terminal Bolt nut (STB)
For details refer to Table 1
Fig. 1B - High current M6-18 mm disc and 1/4-28 UNF disc: Screw Terminal (ST) and Screw Terminal Bolt nut (STB)
For details refer to Table 1
Note
• Maximum permissible torque which may be applied to the termination screws: 2 Nm for M5; 2.5 Nm for M6 and 1/4-28 UNF.
For accessories refer to document “Mounting Accessories”, see www.vishay.com/doc?28348
The capacitors are delivered with screws and washers
Table 1
Note
• For STB version holds:
H cardbox box: +10 mm
DIMENSIONS in millimeters, MASS, AND PACKAGING QUANTITIES
DESIGN
DRAWING L ± 1 Lt ± 1 D ± 1 P ± 0.3 T ± 0.2 H ± 0.3 B ± 0.3 d1 ± 0.1
M
S ± 1 Mb Ib ± 0.1
MASS
(g)
76 x 146 M5-13 mm
1A
145.8 150.2 76.4
31.8
5.5
3.5
18.3
13.0
M5
9.5
M12
16
1000
76 x 146 M6-13 mm
1A
145.8 150.2 76.4
31.8
5.5
3.5
18.3
13.0
M6
9.5
M12
16
1000
76 x 146 M6-18 mm
1B
145.8 153.0 76.4
31.8
8.3
n/a
n/a
17.3
M6
10.0 M12
16
1000
76 x 146 1/4-28 UNF
1B
145.8 153.0 76.4
31.8
8.3
n/a
n/a
17.3
1/4-28 UNF 10.0 M12
16
1000
76 x 220 M5-13 mm
1A
219.8 224.2 76.4
31.8
5.5
3.5
18.3
13.0
M5
9.5
M12
16
1500
76 x 220 M6-13 mm
1A
219.8 224.2 76.4
31.8
5.5
3.5
18.3
13.0
M6
9.5
M12
16
1500
76 x 220 M6-18 mm
1B
219.8 227.0 76.4
31.8
8.3
n/a
n/a
17.3
M6
10.0 M12
16
1500
76 x 220 1/4-28 UNF
1B
219.8 227.0 76.4
31.8
8.3
n/a
n/a
17.3
1/4-28 UNF 10.0 M12
16
1500
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
DESIGN
PACKAGING QUANTITIES
(units per box)
CARDBOX DIMENSIONS
L x W x H
(mm)
76 x 146
12
377 x 375 x 168
76 x 220
12
377 x 375 x 242
P
Safety
vent
Thread M x S
D
H
T
B
d
1
L
L
t
M
b
D
l
b
H
T
B
d
1
L
L
t
Clamp mounting (ST)
Threaded stud mounting (STB)
Clamp mounting (ST)
Threaded stud mounting (STB)
P
Safety
vent
Thread M x S
D
L
L
t
T
d
1
L
L
t
T
d
1
M
b
D
l
b



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com