Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

110PHT-ST Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 110PHT-ST
Description  Aluminum Electrolytic Capacitors, Power High Ripple for Traction, Screw Terminals
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

110PHT-ST Datasheet(HTML) 3 Page - Vishay Siliconix

  110PHT-ST Datasheet HTML 1Page - Vishay Siliconix 110PHT-ST Datasheet HTML 2Page - Vishay Siliconix 110PHT-ST Datasheet HTML 3Page - Vishay Siliconix 110PHT-ST Datasheet HTML 4Page - Vishay Siliconix 110PHT-ST Datasheet HTML 5Page - Vishay Siliconix 110PHT-ST Datasheet HTML 6Page - Vishay Siliconix 110PHT-ST Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
110 PHT-ST
www.vishay.com
Vishay BCcomponents
Revision: 03-Jun-2022
3
Document Number: 28411
For technical questions, contact: aluminumcaps2@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Unless otherwise specified, all electrical values in Table 2 apply at Tamb = 20 °C, P = 86 kPa to 106 kPa, RH = 45 % to 75 %
Table 2
Note
(1) Underlined 8th digit determines form: for details see “Part Number Explanation” table
Note
• Other values or designs are available on request.
For more information, please visit the “Product Coding” page: www.vishay.com/doc?28394
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
Rated capacitance at 100 Hz, tolerance -10 % / +30 %
IR
Rated RMS ripple current at 100 Hz, 85 °C
IL5
Max. leakage current after 5 min at UR
ESR
Max. equivalent series resistance at 100 Hz
Z
Max. impedance at 20 kHz
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(μF)
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
85 °C
(A)
IL
5 min
(mA)
ESR
(m
Ω)
Z
(m
Ω)
ORDERING CODE (1)
MAX.
TYP.
MAX.
TYP.
ST
STB
250
6000
76 x 146
18.35
3.0
17.6
9.7
11.5
6.9
MAL211013602E3
MAL211023602E3
MAL211033602E3
MAL211043602E3
MAL211053602E3
MAL211063602E3
MAL211073602E3
MAL211083602E3
300
6000
76 x 220
18.35
3.6
25.3
13.9
20.0
12.0
MAL211010602E3
MAL211020602E3
MAL211030602E3
MAL211040602E3
MAL211050602E3
MAL211060602E3
MAL211070602E3
MAL211080602E3
350
6000
76 x 220
18.49
4.2
24.0
13.2
18.6
11.2
MAL211015602E3
MAL211025602E3
MAL211035602E3
MAL211045602E3
MAL211055602E3
MAL211065602E3
MAL211075602E3
MAL211085602E3
400
6000
76 x 220
18.45
4.8
23.8
13.1
18.6
11.2
MAL211016602E3
MAL211026602E3
MAL211036602E3
MAL211046602E3
MAL211056602E3
MAL211066602E3
MAL211076602E3
MAL211086602E3
450
6000
76 x 220
19.76
5.4
19.1
10.5
13.6
8.2
MAL211017602E3
MAL211027602E3
MAL211037602E3
MAL211047602E3
MAL211057602E3
MAL211067602E3
MAL211077602E3
MAL211087602E3
PART NUMBER EXPLANATION (Example: 350 V, 6000 μF, M6-13 mm disc)
1 2 3 4
5 6 7
8
9
10 11 12
13 14
MAL2
110
3
5
602
E3
PREFIX
SERIES NAME
FORM
VOLTAGE
CAPACITANCE
1 = high current M5-13 mm disc (ST)
2 = high current M5-13 mm disc,
with mounting bolt (STB)
3 = high current M6-13 mm disc (ST)
4 = high current M6-13 mm disc,
with mounting bolt (STB)
5 = high current M6-18 mm disc (ST)
6 = high current M6-18 mm disc,
with mounting bolt (STB)
7 = US tread 1/4-28 UNF (ST)
8 = US tread 1/4-28 UNF,
with mounting bolt (STB)
3 = 250 V
0 = 300 V
5 = 350 V
6 = 400 V
7 = 450 V
602 = 6000 μF
Lead (Pb)-free
(RoHS-compliant)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com