Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLA490LP Datasheet(PDF) 1 Page - TDK Electronics

Part # TLA490LP
Description  Common-Mode Filters DIP
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

TLA490LP Datasheet(HTML) 1 Page - TDK Electronics

  TLA490LP Datasheet HTML 1Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
D321_TLA490LP
980513
Specifications which provide more details for the proper and safe use of the described product are available upon request.
All specifications are subject to change without notice.
LAN Components
TLA Series TLA490LP
Common-Mode Filters
DIP
FEATURES
• These parts conform to ISO8802-3 (IEEE802.3)10BASE-T.
• Transfer molded for highest quality and dimensional accuracy.
• They employ toroidal ferrite cores.
SHAPES AND DIMENSIONS/CIRCUIT DIAGRAM
TEMPERATURE RANGES
ELECTRICAL CHARACTERISTICS
Operating
0 to +70°C
Storage
–40 to +100°C
Part No.
Turns ratio
N1:N2:N3
Inductance
(µH)
N1
DC resistance (
Ω)max.
Insulation resistance
(M
Ω)min.
[DC.100V]
Withstand voltage
Erms(V)
[50Hz, 60s]
N1
N2
N3
TLA490LP
1 : 1 : 1
85±20%
0.25
0.25
0.25
100
100
16
9
8
1
17.78
TDK
Part No.
Lot No.
22.86max.
0.25
±0.05
0.5
±0.1
2.54
8.4
±0.5
Weight: 2.4g max.
Dimensions in mm
Tolerance:
±0.25
• Pin No.4, 5, 12 and 13 are without pin.
N1 N2 N3
N1 N2 N3
15 14
11 10
9
16
23
678
1


Similar Part No. - TLA490LP

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
TLA4032 FILTRAN-TLA4032 Datasheet
24Kb / 1P
Audio Line Matching Transformer
TLA4215 FILTRAN-TLA4215 Datasheet
42Kb / 1P
Audio Hybrid Transformer
logo
Texas Instruments
TLA431 TI1-TLA431 Datasheet
1Mb / 26P
TLA431, TLA432 All-Capacitor Stable Precision Programmable Reference
JULY 2024
TLA431 TI-TLA431 Datasheet
1Mb / 29P
TLA431, TLA432 All-Capacitor Stable Precision Programmable Reference
OCTOBER 2024
TLA431 TI-TLA431 Datasheet
1Mb / 31P
TLA431, TLA432 All-Capacitor Stable Precision Programmable Reference
OCTOBER 2024
More results

Similar Description - TLA490LP

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CFH2501 FRONTIER-CFH2501 Datasheet
98Kb / 1P
Common Mode Line Filters
CFS28XX FRONTIER-CFS28XX Datasheet
115Kb / 1P
Common Mode Line Filters
logo
Central Technologies
CTDLP2012F CT-CTDLP2012F Datasheet
170Kb / 1P
SMD Common Mode Filters
logo
SAMWHA ELECTRIC
CMV2012 SAMWHA-CMV2012 Datasheet
130Kb / 1P
COMMON MODE FILTERS
logo
TDK Electronics
ACM3225-102-2P TDK-ACM3225-102-2P Datasheet
184Kb / 9P
Common Mode Filters
ACM2012H-900-2P-T00 TDK-ACM2012H-900-2P-T00 Datasheet
119Kb / 10P
Common Mode Filters
logo
STMicroelectronics
AN4511 STMICROELECTRONICS-AN4511 Datasheet
4Mb / 21P
Common mode filters
29-Jul-2014
logo
TDK Electronics
ACM2012 TDK-ACM2012_18 Datasheet
155Kb / 7P
Common mode filters
MCZ1210DH TDK-MCZ1210DH Datasheet
193Kb / 4P
Common mode filters
MCZ1210CH TDK-MCZ1210CH Datasheet
171Kb / 4P
Common mode filters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com